Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

052-7201 Datasheet(PDF) 4 Page - Magnetrol International, Inc.

Part # 052-7201
Description  THERMATEL짰THERMALDISPERSION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

052-7201 Datasheet(HTML) 4 Page - Magnetrol International, Inc.

  052-7201 Datasheet HTML 1Page - Magnetrol International, Inc. 052-7201 Datasheet HTML 2Page - Magnetrol International, Inc. 052-7201 Datasheet HTML 3Page - Magnetrol International, Inc. 052-7201 Datasheet HTML 4Page - Magnetrol International, Inc. 052-7201 Datasheet HTML 5Page - Magnetrol International, Inc. 052-7201 Datasheet HTML 6Page - Magnetrol International, Inc. 052-7201 Datasheet HTML 7Page - Magnetrol International, Inc. 052-7201 Datasheet HTML 8Page - Magnetrol International, Inc. 052-7201 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Thermatel products utilize thermal dispersion technol-
ogy for unsurpassed accuracy and reliability in
monitoring gas flow, liquid flow, liquid level, and inter-
face. A market-proven technology, thermal dispersion has
been in use by process industries for measurement and
control purposes since the early 1960s.
Product Scope
The Thermatel product line has been structured to
provide customers with a complete range of options in
thermal dispersion technology. Each Thermatel product is
engineered and manufactured to provide the highest reli-
ability in even the most demanding process environments.
Thermatel products range from single-point switches
to the powerful TA2 Thermal Mass Flow Transmitter.
The TA2 powerful microprocessor-based electronics make
these units the premier thermal dispersion mass flow
meters in the industry. They are easy to set up, configure,
and provide high levels of accuracy, repeatability,
and diagnostics.
Applications Range
Thermatel products are in
service worldwide in many
of the most demanding
applications. As a flow
switch Thermatel is used for
gas and liquid applications
for both flow and no/low
flow detection. Typical
applications involve pump
protection, cooling air/water,
relief valve monitoring,
exhaust flows and lubrica-
tion systems. Thermatel
products provide outstand-
ing low flow sensitivity with
high rangeability.
Thermatel level switches provide outstanding perform-
ance with liquids and slurries in a wide variety of
demanding applications including interface, high viscosity,
turbulence, high temperatures, and presence of foam.
For mass flow measurement of air and gases, the
Thermatel TA2 Thermal Mass Flow Transmitter is
without peer. The easy to use instrument is installed in
numerous flow measurement applications including
combustion air flow, compressed air/gas and aeration air
flow measurement. Other common applications include
natural gas, digester/bio gas, flare lines, hydrogen, oxygen,
and many other gas flow measurement applications.
Principle of Operation: Switches
Flow and level detection is accomplished when
Thermatel’s sensing elements detect changes in the heat
transfer characteristics of the process media. As a flow
switch, Thermatel switches will rapidly detect changes in
liquid or gas flow rate by detecting heat transfer, which
increases at higher flow rates. Level detection is accom-
plished by sensing changes in the thermal conductivity of
media. Thermatel switches can also be calibrated to
sense difference in heat transfer at the interface between
two dissimilar media, such as oil/water, or water/foam.
An Introduction To Thermatel Technology & Products
Thermatel switches employ twin RTD sensors to sense
process change in level and flow applications. One sensor
measures the surrounding process temperature to provide
a reference. The second sensor is self-heated to establish
a temperature differential above the reference temperature.
In level applications, the cooling effect of contacting media
reduces the temperature difference between the RTDs. In
flow applications, an increase in flow rate further decreases
the temperature difference. In each instance, the decrease
in temperature difference triggers a relay action.
High Temperature Differential
Low Temperature Differential
Insertion probe designs for
Thermatel switches use two
basic RTD configurations.
The twin-tip design with
exposed sensor tips is avail-
able in a broader range of
materials and sustains higher
pressures. The spherical tip
design (only available in
316L stainless steel) offers
greater sensor protection
and a faster response to
reduction flow or level.
©
©
©©
©
© ©
©



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com