Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

052-7201 Datasheet(PDF) 11 Page - Magnetrol International, Inc.

Part # 052-7201
Description  THERMATEL짰THERMALDISPERSION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

052-7201 Datasheet(HTML) 11 Page - Magnetrol International, Inc.

Back Button 052-7201 Datasheet HTML 4Page - Magnetrol International, Inc. 052-7201 Datasheet HTML 5Page - Magnetrol International, Inc. 052-7201 Datasheet HTML 6Page - Magnetrol International, Inc. 052-7201 Datasheet HTML 7Page - Magnetrol International, Inc. 052-7201 Datasheet HTML 8Page - Magnetrol International, Inc. 052-7201 Datasheet HTML 9Page - Magnetrol International, Inc. 052-7201 Datasheet HTML 10Page - Magnetrol International, Inc. 052-7201 Datasheet HTML 11Page - Magnetrol International, Inc. 052-7201 Datasheet HTML 12Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
THERMATEL RPA
Hot Tap Assembly
Allows probe installation or removal without process shut-down
Thermatel Hot Tap Assemblies:
Standard Design (Left) and
High Pressure Design (Right).
THERMATEL 052-7201
Switch
Flow Switch for Naval Applications
General Description:
The Thermatel “Navy Switch” is a special version of the Thermatel
switch. It is used by the United States Navy for use on board Naval
ships for flow detection in sprinkler systems.
Features:
L Meets MIL-S-901D: Grade A shock requirements
L Meets MIL-STD-167-1: Vibration requirements
L Unit comes with Tee for use with MIL-T-16420 CUNI tubing
(For tubing sizes: 1.25", 1.50", 2.00", 2.50", 3.00" or 4.00")
L 120 VAC power
L 10 amp DPDT relay
L Calibrated for sprinkler systems to detect flow of 10 GPM with
10-second delay time
General Description:
When used with Thermatel insertion probes, the
Retractable Probe Assembly (RPA) permits the probe to
be installed or removed from the vessel or pipe while the
process remains in operation. Once installed, it is not
necessary to drain or depressurize a tank or shut down
the operation in order to install or remove a Thermatel
instrument.
Features:
L Standard 316 stainless steel gland construction
L Carbon steel or stainless steel process connections
L Flange and ball valve available as an option
L 11⁄
2
" NPT or flange connection
L Teflon® compression rings
Capabilities:
L Temperatures to +400° F (+200° C)
L Standard pressure to 50 psi (3.4 bar)
(80 psi (5.5 bar) for TA2)
L High-pressure design option to
Class 300 pound service



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com