Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM25640C Datasheet(PDF) 5 Page - Ramtron International Corporation

Part # FM25640C
Description  64Kb Serial 5V F-RAM Memory
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25640C Datasheet(HTML) 5 Page - Ramtron International Corporation

  FM25640C Datasheet HTML 1Page - Ramtron International Corporation FM25640C Datasheet HTML 2Page - Ramtron International Corporation FM25640C Datasheet HTML 3Page - Ramtron International Corporation FM25640C Datasheet HTML 4Page - Ramtron International Corporation FM25640C Datasheet HTML 5Page - Ramtron International Corporation FM25640C Datasheet HTML 6Page - Ramtron International Corporation FM25640C Datasheet HTML 7Page - Ramtron International Corporation FM25640C Datasheet HTML 8Page - Ramtron International Corporation FM25640C Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
FM25640C - 64Kb 5V SPI F-RAM
Rev. 1.1
June 2011
5 of 13
Data Transfer
All data transfers to and from the FM25640C occur
in 8-bit groups. They are synchronized to the clock
signal (SCK) and they transfer most significant bit
(MSB) first. Serial inputs are registered on the rising
edge of SCK. The SO output is driven from the
falling edge of SCK.
Command Structure
There are six commands called op-codes that can be
issued by the bus master to the FM25640C. They are
listed in the table below. These op-codes control the
functions performed by the memory. They can be
divided
into
three
categories.
First,
there
are
commands that have no subsequent operations. They
perform a single function such as to enable a write
operation. Second are commands followed by one
byte, either in or out. They operate on the status
register. The third group includes commands for
memory transactions followed by an address and one
or more bytes of data.
Table 1. Op-code Commands
Name
Description
Op-code value
WREN
Set Write Enable Latch
0000_0110b
WRDI
Write Disable
0000_0100b
RDSR
Read Status Register
0000_0101b
WRSR
Write Status Register
0000_0001b
READ
Read Memory Data
0000_0011b
WRITE
Write Memory Data
0000_0010b
WREN - Set Write Enable Latch
The FM25640C will power up with writes disabled.
The WREN command must be issued prior to any
write operation. Sending the WREN op-code will
allow the user to issue subsequent op-codes for
write operations. These include writing the status
register and writing the memory.
Sending the WREN op-code causes the internal
Write Enable Latch to be set. A flag bit in the status
register, called WEL, indicates the state of the latch.
WEL=1
indicates
that
writes
are
permitted.
Attempting to write the WEL bit in the status
register has no effect. Completing any write
operation will automatically clear the write-enable
latch and prevent further writes without another
WREN command. Figure 5 illustrates the WREN
command bus configuration.
WRDI - Write Disable
The WRDI command disables all write activity by
clearing the Write Enable Latch. The user can verify
that writes are disabled by reading the WEL bit in
the status register and verifying that WEL=0. Figure
6 illustrates the WRDI command bus configuration.
Figure 5. WREN Bus Configuration
Figure 6. WRDI Bus Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com