Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN601 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # AN601
Description  Unclamped Inductive Switching Rugged MOSFETs For Rugged Environments
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AN601 Datasheet(HTML) 4 Page - Vishay Siliconix

  AN601 Datasheet HTML 1Page - Vishay Siliconix AN601 Datasheet HTML 2Page - Vishay Siliconix AN601 Datasheet HTML 3Page - Vishay Siliconix AN601 Datasheet HTML 4Page - Vishay Siliconix AN601 Datasheet HTML 5Page - Vishay Siliconix AN601 Datasheet HTML 6Page - Vishay Siliconix AN601 Datasheet HTML 7Page - Vishay Siliconix AN601 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AN601
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
4
Document Number: 70572
15-Feb-94
Po = IOV(BR)eff
where
(4)
DTM =
maximum instantaneous
temperature rise (
_C)
and
DT
M +
2
3
PoKtAV
K
+
2
A (r
pkc)
+ 2
R
pC
A
=
the active chip area (where heat originates)
r
=
the density of silicon
k
=
the thermal conductivity (very temperature
dependent (see Figure 5a)
c
=
the specific heat of silicon (also
temperature dependent (see Figure 1b)
R
=
effective thermal resistance of chip (
_C/W)
C
=
effective thermal capacitance of chip (J/
_C)
Equation (4) can be further manipulated to relate the
temperature rise,
DTM, to
(5)
DT
M +
2
3
KloV(BR)eff
L
l
o
V
(BR)eff
Although V(BR)eff is temperature sensitive, for simplicity we
assume it is a constant. Therefore,
(6)
(7)
DT
M a lo
L
l
o
or
DT
M a l
3 2
o
L
1400
0
200
400
600
800
1000
1200
1000
800
0
600
400
200
Temperature (K)
1.4
–40
40
120
200
280
360
1.2
1.0
0.8
0
0.6
0.4
0.2
Temperature (
_C)
Figure 5a.
Conductivity of Silicon vs. Temperature
([Physics Review, Vol. 130 (6/’63)] (
W/cm_)
Figure 1b.
Specific Heat of Silicon vs. Temperature
(
W sec/gm_)
If we assume L is constant, equation (7) is further reduced to
(8)
DT
M a l
3 2
o
which further identifies that
(9)
DT
M a E
3 4
If the parasitic bipolar transistor is
not excited, equation (9)
relates the peak temperature rise to the avalanche energy
dissipation. This temperature rise then becomes the cause of
the other failure mode referred to as “passive.”



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com