Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCS700 Datasheet(PDF) 19 Page - Power Integrations, Inc.

Part # LCS700
Description  Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS700 Datasheet(HTML) 19 Page - Power Integrations, Inc.

Back Button LCS700 Datasheet HTML 15Page - Power Integrations, Inc. LCS700 Datasheet HTML 16Page - Power Integrations, Inc. LCS700 Datasheet HTML 17Page - Power Integrations, Inc. LCS700 Datasheet HTML 18Page - Power Integrations, Inc. LCS700 Datasheet HTML 19Page - Power Integrations, Inc. LCS700 Datasheet HTML 20Page - Power Integrations, Inc. LCS700 Datasheet HTML 21Page - Power Integrations, Inc. LCS700 Datasheet HTML 22Page - Power Integrations, Inc. LCS700 Datasheet HTML 23Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Rev. B 062011
19
LCS700-708
www.powerint.com
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = 0 to 100 °C
V
CC = 12 V, VCCH = 12 V
(Unless Otherwise Specified)
Min
Typ
Max
Units
Half-Bridge
OFF-State Current
I
DSS
Measured from D to
HB or from HB to S
T
J = 100 °C, VCC =
12 V, V
CCH = 12 V,
V
D = 424 V
LCS700
60
mA
LCS701
60
LCS702
65
LCS703
80
LCS705
120
LCS708
200
ON-State Resistance
R
DS(ON)
Measured from D to
HB or from HB to S
V
CC = 12 V, VCCH =
12 V, T
J = 25 °C
LCS700, I = 0.8 A
1.53
1.82
W
LCS701, I = 1.2 A
1.00
1.24
LCS702, I = 1.6 A
0.74
0.92
LSC703, I = 2.0 A
0.60
0.73
LCS705, I = 3.0 A
0.40
0.49
LCS708, I = 4.8 A
0.26
0.31
Thermal Resistance
Junction to Case Thermal Resistance(1,3):
LCS700 (q
JC)............................................ 7.6 °C/W
LCS701 (q
JC)........................................... 7.0 °C/W
LCS702 (q
JC)...........................................6.6 °C/W
LCS703 (q
JC) ......................................6.2 °C/W
LCS705 (q
JC)...........................................5.9 °C/W
LCS708 (q
JC)...........................................5.5 °C/W
Junction to heat sink Thermal Resistance(1,2):
LCS700 (q
JH)......................................... 10.1 °C/W
LCS701 (q
JH)...................................... ......9.5 °C/W
LCS702 (q
JH)........................................... 9.1 °C/W
LCS703 (q
JH)........................................... 8.7 °C/W
LCS705 (q
JH)...........................................8.4 °C/W
LCS708 (q
JH)...........................................8.0 °C/W
Hottest Junction to OT Sensor Thermal Offset(1,2,4):
LCS700 (ΔT
J-OT)........................................ 4.6 °C/W
LCS701 (ΔT
J-OT)....................................... 4.0 °C/W
LCS702 (ΔT
J-OT).......................................3.5 °C/W
LCS703 (ΔT
J-OT) ..................................3.2 °C/W
LCS705 (ΔT
J-OT)....................................... 2.8 °C/W
LCS708 (ΔT
J-OT)....................................... 2.5 °C/W
Notes:
1. Both power switches each dissipating half the total power.
2. Mounted to an aluminum heat sink with uniform coverage of
Thermalloy thermal paste. Mounting clip with normal force
>30 N applied to the center of the package.
3. Junction to case thermal resistance is based on hottest
junction, case temperature measured at center of package
back surface.
4. Temperature difference between hottest junction and over-
temperature sensor.
5. Thermal resistance values are preliminary and subject to change.
Absolute Maximum Ratings
Instantaneous Repetitive D or HB Current(5) ..............................
.................................. V
CC, VCCH = 11.5 V, 25 °C
LCS700........................................................ 5.2 A
LCS701.........................................................7.7 A
LCS702...................................................... 10.3 A
LCS703 ................................................. 12.9 A
LCS705...................................................... 19.3 A
LCS708...................................................... 30.9 A
Instantaneous Repetitive D or HB Current(5) ...............................
...................... V
CC, VCCH = 11.5 V, 125 °C
LCS700........................................................ 4.2 A
LCS701........................................................ 6.2 A
LCS702........................................................ 8.3 A
LCS703 ................................................. 10.4 A
LCS705...................................................... 15.6 A
LCS708....................................................... 24.9 A
DRAIN Pin Voltage D(1).........................................-1.3 V to 530 V
Half-bridge Voltage, HB(1)............................... -1.3 V to D + 0.5 V
Half-bridge Voltage Slew Rate, HB .................................... 10 V/ns
SUPPLY Pin Voltage, VCC(1), VCCH(2).........................-0.3 V to 15 V
G Pin Voltage(1) .................................................... -0.3 V to 0.3 V
IS Pin Voltage(3) ............................................ -0.65 to VREF + 0.3 V
DT/BF and FEEDBACK Pin Voltages(3) ....... -0.3 to VREF + 0.3 V
OV/UV Pin Voltage(3) ....................................-0.3 to VCC + 0.3 V
Pin Current (VREF, OV/UV, DT/BF, FEEDBACK, IS)........±100 mA
Junction Temperature ......................................-40 °C to 150 °C
Storage Temperature ...................................... -65 °C to 150 °C
Lead Temperature(4).........................................................260 °C
ESD Rating (JESD22-A114-B, HBM) ....................................2 kV
Notes:
1. Voltage referenced to S.
2. Voltage referenced to HB.
3. Voltage referenced to G.
4. 1/16 inch from case for 5 seconds.
5. One-cycle peak current can exceed repetitive maximum current
for t < 460 ns if T
J < 100 °C and drain voltage ≤ 400 VDC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com