Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG409LDY Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG409LDY
Description  Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG409LDY Datasheet(HTML) 2 Page - Vishay Siliconix

  DG409LDY Datasheet HTML 1Page - Vishay Siliconix DG409LDY Datasheet HTML 2Page - Vishay Siliconix DG409LDY Datasheet HTML 3Page - Vishay Siliconix DG409LDY Datasheet HTML 4Page - Vishay Siliconix DG409LDY Datasheet HTML 5Page - Vishay Siliconix DG409LDY Datasheet HTML 6Page - Vishay Siliconix DG409LDY Datasheet HTML 7Page - Vishay Siliconix DG409LDY Datasheet HTML 8Page - Vishay Siliconix DG409LDY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.vishay.com
2
Document Number: 71342
S11-1066-Rev. G, 30-May-11
Vishay Siliconix
DG408L, DG409L
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Logic "0" = VAL  0.8 V
Logic "1" = VAH  2.4 V
X = Do not Care
For low and high voltage levels for VAX and VEN consult “Digital Control” parameters for specific V+ operation.
Notes:
a. Signals on SX, DX, AX, or EN exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads soldered or welded to PC board.
c. Derate 7.6 mW/°C above 75 °C.
d. Derate 12 mW/°C above 75 °C.
e. Derate 10 mW/°C above 75 °C.
TRUTH TABLE DG408L
A2
A1
A0
EN
On Switch
XXX
0
None
00
01
1
00
11
2
01
01
3
01
11
4
10
01
5
10
11
6
11
01
7
11
11
8
TRUTH TABLE DG409L
A1
A0
EN
On Switch
X
X
0
None
00
1
1
01
1
2
10
1
3
11
1
4
ORDERING INFORMATION DG408L
Temp. Range
Package
Part Number
- 40 °C to 85 °C
16-pin SOIC
DG408LDY
DG408LDY-E3
DG408LDY-T1
DG408LDY-T1-E3
16-pin TSSOP
DG408LDQ
DG408LDQ-E3
DG408LDQ-T1
DG408LDQ-T1-E3
ORDERING INFORMATION DG409L
Temp. Range
Package
Part Number
- 40 °C to 85 °C
16-pin SOIC
DG409LDY
DG409LDY-E3
DG409LDY-T1
DG409LDY-T1-E3
16-pin TSSOP
DG409LDQ
DG409LDQ-E3
DG409LDQ-T1
DG409LDQ-T1-E3
ABSOLUTE MAXIMUM RATINGS
Parameter
Limit
Unit
Voltage referenced V+ to V-
14
V
GND
7
Digital inputsa, VS, VD
(V-) - 0.3 to (V) + 0.3
Current (any terminal)
30
mA
Peak current, S or D (pulsed at 1 ms, 10 % duty cycle max.)
100
Storage Temperature
(A suffix)
- 65 to 150
°C
(D suffix)
- 65 to 125
Power Dissipation (Package)b
16-pin plastic TSSOPc
650
mW
16-pin narrow SOICc
600
16-pin CerDIPd
900
LCC-20e
750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com