Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT16L21 Datasheet(PDF) 26 Page - Holtek Semiconductor Inc

Part # HT16L21
Description  RAM Mapping 32x4 LCD Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16L21 Datasheet(HTML) 26 Page - Holtek Semiconductor Inc

Back Button HT16L21 Datasheet HTML 22Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 23Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 24Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 25Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 26Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 27Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 28Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 29Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 30Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
Rev. 1.00
26
November 16, 2011
HT16L21
Frame Frequency Command
Thiscommandselectstheframefrequency.
Function
Byte (MSB)
Bit7
Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 (LSB)
Bit0 Note R/W Def
Frame frequency command
1st
1
0
0
0
0
1
1
0
—
W
—
Frame frequency setting
2nd
X
X
X
X
X
X
F1
F0
—
W
02H
Note:
Bit [1:0]
Frame Frequency
F1, F0
00
85.3Hz
01
170.6Hz
10
64Hz
11
128Hz
● Power on status: Frame frequency is set to 64Hz.
● If the programmed command is not defined, the function will not be affected.
Blinking Frequency Command
Thiscommanddefinestheblinkingfrequencyofthedisplaymodes.
Function
Byte (MSB)
Bit7
Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 (LSB)
Bit0 Note R/W Def
Blinking frequency command
1st
1
0
0
0
1
0
0
0
—
W
—
Blinking frequency setting
2nd
X
X
X
X
X
X
BK1
BK0
—
W
00H
Note:
Bit
Blinking Frequency
BK1
BK0
0
0
Blinking off
0
1
2Hz
1
0
1Hz
1
1
0.5Hz
● Power on status: Blinking function is switched off.
● If the programmed command is not defined, the function will not be affected.
LED Output Command
Thiscommanddefinestheblinkingfrequencyofthedisplaymodes.
Function Byte (MSB)
Bit7
Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 (LSB)
Bit0
Note
R/W Def
LED output
command
1st
1
0
0
0
1
1
0
0
—
W —
LED output
data
2nd
X
X
X
X
LED3 LED2 LED1 LED0 When [SP1:SP0]=10 used
W 00H
LED7 LED6 LED5 LED4 LED3 LED2 LED1 LED0 When [SP1:SP0]=11 used
Note:
● The LED registers and latches are cleared after a new configuration is written into the SP1 and SP0 bits in the
Drive Mode command.
● If the programmed command is not defined, the function will not be affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com