Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT16L21 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT16L21
Description  RAM Mapping 32x4 LCD Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16L21 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT16L21 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Rev. 1.00
3
November 16, 2011
HT16L21
Pin Assignment
12 13 14 15 16 17 18 19 20 21 22
44 43 42 41 40 39 38 37 36 35 34
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
CSB
CLK/SCL
HT16L21
44 LQFP
DIO/SDA
RSTB
VDD
VLCD
COM0
COM1
COM2
COM3
SEG0
SEG12
SEG13
SEG14
SEG15
SEG16
SEG17
SEG18
SEG19
SEG20
SEG21
SEG22
Pin Description
Pin Name
Type
Description
SDA/DIO
I/O
Serial data input/output pin
● Serial data (SDA) input/output for 2-wire I2C interface is an NMOS open drain
structure.
● Serial data (DIO) input/output for 3-wire SPI interface is a CMOS input/output
structure.
SCL/CLK
I
Serial clock input pin
● Serial data (SCL) is clock input for 2-wire I2C interface.
● Serial data (CLK) is clock input for 3-wire SPI interface
CSB
I
Chip select pin
This pin is available for 3-wire SPI interface and not used for I2C interface.
IFS
I
Communication interface select pin
This pin is used to select the communication interface. When this pin is
connected to VDD, the device communicates with MCU or microprocessors
via a 2-wire I2C interface. When this pin is connected to VSS, the device
communicates with MCU or microprocessors using a 3-wire SPI interface.
COM0~COM3
O LCD common outputs
SEG0~SEG23
O LCD segment outputs
SEG24/LED7~SEG31/LED0
O LCD segment/LED multiplexed driver outputs
RSTB
I
Reset input pin
1. This pin is used to initialize all the internal registers and the commands pin.
2. If use internal power on reset circuit only, the RSTB pin must be connected
to VDD.
VDD
— Positive power supply
VSS
— Negative power supply, ground.
VLCD
— LCD power supply pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com