Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT16L23 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT16L23
Description  RAM Mapping 52*4 / 48*8 LCD Driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16L23 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT16L23 Datasheet HTML 9Page - Holtek Semiconductor Inc HT16L23 Datasheet HTML 10Page - Holtek Semiconductor Inc HT16L23 Datasheet HTML 11Page - Holtek Semiconductor Inc HT16L23 Datasheet HTML 12Page - Holtek Semiconductor Inc HT16L23 Datasheet HTML 13Page - Holtek Semiconductor Inc HT16L23 Datasheet HTML 14Page - Holtek Semiconductor Inc HT16L23 Datasheet HTML 15Page - Holtek Semiconductor Inc HT16L23 Datasheet HTML 16Page - Holtek Semiconductor Inc HT16L23 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
Rev. 1.00
13
November 16, 2011
HT16L23
Display Memory – RAM Structure
The display RAM is static 48×8-bits RAM which stores the LCD data. Logic “1” in the RAM bit-map indicates
the “on” state of the corresponding LCD segment; similarly, logic 0 indicates the off state.
The contents of the RAM data are directly mapped to the LCD data. The first RAM column corresponds to the
segments operated with respect to COM0. In multiplexed LCD applications the segment data of the second,
third and fourth column of the display RAM are time-multiplexed with COM1, COM2 and COM3 respectively.
The LCD display duty can be 1/4 or 1/8 determined by a Duty bit contained in the Drive Mode Command. The
following diagram is a data transfer format for I2C or SPI interface.
D0
MSB
LSB
D1
D2
D3
D4
D5
D6
D7
LCD
LED0
LED1
LED2
LED3
LED4
LED5
LED6
LED7
LED
LCD Display or LED output data transfer format for I2C or SPI interface
1/4 Duty Display Mode
●
52×4 Display Mode
When the SP1 bit is set to “0” and the SP0 bit is set to “0” or “1”, the drive mode is selected as 52 segments by
4 commons. This drive mode is also the default setting after a reset.
Output
COM3
COM2
COM1
COM0
Output
COM3
COM2
COM1
COM0 Address
SEG1
SEG0
00H
SEG3
SEG2
01H
SEG5
SEG4
02H
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
SEG51
SEG50
19H
D7
D6
D5
D4
D3
D2
D1
D0
Data
RAM mapping of 52×4 display mode
●
48×4 Display Mode
When the SP1 bit is set to “1” and the SP0 bit is set to “0”, the drive mode is selected as 48 segments by 4
commons together with 4 LED driving outputs.
Output
COM3
COM2
COM1
COM0
Output
COM3
COM2
COM1
COM0 Address
SEG1
SEG0
00H
SEG3
SEG2
01H
SEG5
SEG4
02H
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
SEG47
SEG46
17H
D7
D6
D5
D4
D3
D2
D1
D0
Data
RAM mapping of 48×4 display mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com