Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT16L23 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT16L23
Description  RAM Mapping 52*4 / 48*8 LCD Driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16L23 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT16L23 Datasheet HTML 35Page - Holtek Semiconductor Inc HT16L23 Datasheet HTML 36Page - Holtek Semiconductor Inc HT16L23 Datasheet HTML 37Page - Holtek Semiconductor Inc HT16L23 Datasheet HTML 38Page - Holtek Semiconductor Inc HT16L23 Datasheet HTML 39Page - Holtek Semiconductor Inc HT16L23 Datasheet HTML 40Page - Holtek Semiconductor Inc HT16L23 Datasheet HTML 41Page - Holtek Semiconductor Inc HT16L23 Datasheet HTML 42Page - Holtek Semiconductor Inc HT16L23 Datasheet HTML 43Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
Rev. 1.00
39
November 16, 2011
HT16L23
●
1/8 duty, [SP1:SP0]=0x
(1) RSTB pin is connected to a MCU.
LCD panel
COM0~COM7
SEG0~47
COM0~COM7
SEG4~51
HT16L23
MCU
CSB
DIO
IFS
VLCD
VSS
VDD
RSTB
VLCD
VDD
0.1uF
0.1uF
CLK
(2) RSTB pin is connected to external resistor and capacitor.
LCD panel
COM0~COM7
SEG0~47
COM0~COM7
SEG4~51
HT16L23
MCU
CSB
DIO
IFS
VLCD
VSS
VDD
RSTB
VLCD
VDD
0.1uF
0.1uF
0.1uF
100K
CLK
(3) Use internal power on reset circuit only, the RSTB pin must be connected to VDD
LCD panel
COM0~COM7
SEG0~47
COM0~COM7
SEG4~51
HT16L23
MCU
CSB
DIO
IFS
VLCD
VSS
VDD
RSTB
VLCD
VDD
0.1uF
0.1uF
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com