Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48R063B Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT48R063B
Description  Enhanced I/O Type 8-Bit OTP MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R063B Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT48R063B Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R063B Datasheet HTML 9Page - Holtek Semiconductor Inc HT48R063B Datasheet HTML 10Page - Holtek Semiconductor Inc HT48R063B Datasheet HTML 11Page - Holtek Semiconductor Inc HT48R063B Datasheet HTML 12Page - Holtek Semiconductor Inc HT48R063B Datasheet HTML 13Page - Holtek Semiconductor Inc HT48R063B Datasheet HTML 14Page - Holtek Semiconductor Inc HT48R063B Datasheet HTML 15Page - Holtek Semiconductor Inc HT48R063B Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 84 page
background image
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
IOL Total ..............................................................100mA
IOH Total............................................................
-100mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾
fSYS=4MHz
2.2
¾
5.5
V
fSYS=8MHz
3.0
¾
5.5
V
fSYS=12MHz
4.5
¾
5.5
V
IDD1
Operating Current
(HXT, HIRC, ERC)
3V
No load, fSYS=4MHz
¾
0.8
1.2
mA
5V
¾
1.5
2.25
mA
IDD2
Operating Current
(HXT, HIRC, ERC)
3V
No load, fSYS=8MHz
¾
1.4
2.1
mA
5V
¾
2.8
4.2
mA
IDD3
Operating Current
(HXT, HIRC, ERC)
5V
No load, fSYS=12MHz
¾
46
mA
IDD4
Operating Current
(HIRC + LXT, Slow Mode,
LXTLP=1)
3V
No load, fSYS=32768Hz
(LXT on OSC1/OSC2,
LVR disabled, LXTLP=1)
¾
510
mA
5V
¾
12
24
mA
3V
No load, fSYS=32768Hz
(LXT on XT1/XT2,
LVR disabled, LXTLP=1)
¾
510
mA
5V
¾
10
20
mA
ISTB1
Standby Current
(LIRC On, LXT Off)
3V
No load, system HALT
¾¾
5
mA
5V
¾¾
10
mA
ISTB2
Standby Current
(LIRC Off, LXT Off)
3V
No load, system HALT
¾¾
1
mA
5V
¾¾
2
mA
ISTB3
Standby Current
(LIRC Off, LXT On, LXTLP=1)
3V
No load, system HALT
(LXT on OSC1/OSC2)
¾¾
5
mA
5V
¾¾
10
mA
3V
No load, system HALT
(LXT on XT1/XT2)
¾¾
3
mA
5V
¾¾
5
mA
VIL1
Input Low Voltage for I/O,
TCn and INT
¾¾
0
¾
0.3VDD
V
VIH1
Input High Voltage for I/O,
TCn and INT
¾¾
0.7VDD
¾
VDD
V
VIL2
Input Low Voltage (RES)
¾¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)
¾¾
0.9VDD
¾
VDD
V
VLVR1
Low Voltage Reset 1
¾ VLVR = 4.2V
3.98
4.2
4.42
V
VLVR2
Low Voltage Reset 2
¾ VLVR = 3.15V
2.98
3.15
3.32
V
VLVR3
Low Voltage Reset 3
¾ VLVR = 2.1V
1.98
2.1
2.22
V
HT48R063B/064B/065B/066B
Rev. 1.00
12
April 7, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com