Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1632C Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT1632C
Description  32x8 & 24x16 LED Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1632C Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT1632C Datasheet HTML 1Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 2Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 3Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 4Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 5Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 6Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 7Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 8Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
HT1632C
Rev. 1.20
5
June 28, 2011
Functional Description
Display Memory
- RAM
The static display memory (RAM) is organized into 64
´4
bits or 96
´4 bits and is used to store the display data. If
32 ROW & 8 COM is selected, the RAM size is 64
´4
bits. If 24 ROW & 16 COM is selected, the RAM size is
96
´4 bits. The contents of the RAM are directly mapped
to the contents of the LED driver. If the data in RAM is
set to
²1², the corresponding LED will be lighted. Data in
the RAM can be accessed by the READ, WRITE, and
READ-MODIFY-WRITE commands. The contents of
the RAM can be read or written from bit 0 of the specific
address. The following is a mapping from the RAM to
the LED pattern:
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM0
ROW0
01H
00H
ROW1
03H
02H
ROW2
05H
04H
ROW3
07H
06H
ROW4
09H
08H
ROW5
0BH
0AH
ROW6
0DH
0CH
ROW7
0FH
0EH
ROW8
11H
10H
ROW9
13H
12H
ROW10
15H
14H
ROW11
17H
16H
ROW12
19H
18H
ROW13
1BH
1AH
ROW14
1DH
1CH
ROW15
1FH
1EH
ROW16
21H
20H
ROW17
23H
22H
ROW18
25H
24H
ROW19
27H
26H
ROW20
29H
28H
ROW21
2BH
2AH
ROW22
2DH
2CH
ROW23
2FH
2EH
ROW24
31H
30H
ROW25
33H
32H
ROW26
35H
34H
ROW27
37H
36H
ROW28
39H
38H
ROW29
3BH
3AH
ROW30
3DH
3CH
ROW31
3FH
3EH
D3
D2
D1
D0
Addr.
Data
D3
D2
D1
D0
Addr.
Data
32 ROW & 8 COM for 64
´4 Display RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com