Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1632C Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT1632C
Description  32x8 & 24x16 LED Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1632C Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT1632C Datasheet HTML 1Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 2Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 3Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 4Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 5Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 6Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 7Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 8Page - Holtek Semiconductor Inc HT1632C Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
HT1632C
32´8&24´16 LED Driver
Block Diagram
Rev. 1.20
1
June 28, 2011
General Description
The HT1632C is a memory mapping LED display control-
ler/driver, which can select a number of ROW and com-
mons. These are 32 ROW & 8 commons and 24 ROW &
16 commons. The device supports 16-gradation LEDs
for each out line using PWM control with software instruc-
tions. A serial interface is conveniently provided for the
command mode and data mode. Only three or four lines
are required for the interface between the host controller
and the HT1632C. The display can be extended by cas-
cading the HT1632C for wider applications.
Features
· Operating voltage: 2.4V~5.5V
· Multiple LED display - 32 ROW /8 COM and
24 ROW & 16 COM
· Integrated display RAM - select 32 ROW &
8 COM for 64
´4 display RAM, or select
24 ROW & 16 COM for 96
´4 display RAM
· 16-level PWM brightness control
· Integrated 256kHz RC oscillator
· Serial MCU interface - CS,RD,WR, DATA
· Data mode & command mode instruction
· Cascading function for extended applications
· Selectable NMOS open drain output driver and
PMOS open drain output driver for commons
· 52-pin QFP package
P W M C o n t r o l
D i s p l a y R A M
L E D D r i v e r
C o n t r o l
a n d
T i m i n g
C i r c u i t
V D D
D A T A
W R
C S
R D
T i m i n g
G e n e r a t o r
O S C
C O M 0
C O M 7
R O W 0
R O W 2 3
R O W 2 4 / C O M 1 5
R O W 3 1 / C O M 8
L E D _ V S S
V S S
S Y N C
L E D _ V D D
2
2
Applications
· Industrial control indicator
· Digital clock, thermometer, counter, voltmeter
· Instrumentation readouts
· Other consumer application
· LED Displays


Similar Part No. - HT1632C

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1632C HOLTEK-HT1632C_15 Datasheet
1Mb / 25P
32횞8 & 24횞16 LED Driver
August 19, 2015
More results

Similar Description - HT1632C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
LED DRIVER
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
LED driver
logo
Holtek Semiconductor In...
HT1622 HOLTEK-HT1622 Datasheet
146Kb / 17P
RAM Mapping 32x8 LCD Controller for I/O xC
April 21, 2000
HT16220 HOLTEK-HT16220 Datasheet
148Kb / 17P
RAM Mapping 32x8 LCD Controller for I/O C
April 21, 2000
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
LED DRIVER
logo
Holtek Semiconductor In...
HT1622 HOLTEK-HT1622_07 Datasheet
155Kb / 13P
RAM Mapping 32x8 LCD Controller for I/O MCU
February 6, 2007
HT1632 HOLTEK-HT1632 Datasheet
180Kb / 17P
32x8 & 24x16 LED Driver
October 2, 2007
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
LED Driver
2009-11-13
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com