Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF06-MSD02N16 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF06-MSD02N16
Description  6-line IPAD?? EMI filter and ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-MSD02N16 Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF06-MSD02N16 Datasheet HTML 1Page - STMicroelectronics EMIF06-MSD02N16 Datasheet HTML 2Page - STMicroelectronics EMIF06-MSD02N16 Datasheet HTML 3Page - STMicroelectronics EMIF06-MSD02N16 Datasheet HTML 4Page - STMicroelectronics EMIF06-MSD02N16 Datasheet HTML 5Page - STMicroelectronics EMIF06-MSD02N16 Datasheet HTML 6Page - STMicroelectronics EMIF06-MSD02N16 Datasheet HTML 7Page - STMicroelectronics EMIF06-MSD02N16 Datasheet HTML 8Page - STMicroelectronics EMIF06-MSD02N16 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
November 2008
Rev 1
1/12
EMIF06-MSD02N16
6-line IPAD™, EMI filter and ESD protection
Features
■ High design flexibility
■ Lead free package
■ Very low PCB space consumption:
3.5 mm x 1.2 mm
■ Very thin package: 0.5 mm
■ High efficiency in ESD suppression
■ IEC 61000-4-2 level 4
■ High reliability offered by monolithic integration
■ High reduction of parasitic elements through
integration and µQFN packaging
Complies with following standards:
■ IEC 61000-4-2 level 4 external pins
Applications
■ Mobile telephones,
■ Navigation systems
■ Digital still cameras
■ Portable devices.
Description
The EMIF06-MSD02N16 is a highly integrated
device designed to suppress EMI/RFI noise for
interface line filtering. It is packaged in
micro QFN.
This filter includes ESD protection circuitry, which
prevents damage to the protected device when
subjected to ESD surges.
TM: IPAD is a trademark of STMicroelectronics
Figure 1.
Pin configuration
Figure 2.
Schematic circuit diagram
1
Micro QFN 16L 3.5 mm x 1.2 mm
(bottom view)
1
RDATA_VCC
VCC
DAT2_Ex
DAT2_In
WP/CD
DAT3_Ex
DAT3_In
RDAT3_GND
CMD_Ex
CMD_In
CLK_Ex
CLK_In
DAT0_Ex
DAT0_In
DAT1_Ex
DAT1_In
R1
R8 R9
R10 R11
R7
DAT2_Ex
DAT3_Ex
CMD_Ex
CLK_Ex
DAT0_Ex
DAT1_Ex
Vcc
DAT2_In
DAT3_In
CMD_In
CLK_In
DAT0_In
DAT1_In
WP/CD
DAT3 pull -up
DAT3 pull -down
R12
R2
R3
R4
R5
R6
R13
GND
GND
R1
R8 R9
R10 R11
R7
DAT2_Ex
DAT3_Ex
CMD_Ex
CLK_Ex
DAT0_Ex
DAT1_Ex
Vcc
DAT2_In
DAT3_In
CMD_In
CLK_In
DAT0_In
DAT1_In
WP/CD
DAT3 pull -up
DAT3 pull -down
R12
R2
R3
R4
R5
R6
R13
GND
GND
www.st.com


Similar Part No. - EMIF06-MSD02N16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF06-MSD02C3 STMICROELECTRONICS-EMIF06-MSD02C3 Datasheet
613Kb / 11P
Mini and micro-SD card IPAD??EMI filtering and ESD protection
12-Aug-2010
More results

Similar Description - EMIF06-MSD02N16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF01-TV01F3 STMICROELECTRONICS-EMIF01-TV01F3 Datasheet
181Kb / 8P
Single line IPAD, EMI filter and ESD protection
28-Apr-2008
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2_08 Datasheet
110Kb / 8P
2-line IPAD, EMI filter and ESD protection
17-Apr-2008
EMIF06-HMC01F2 STMICROELECTRONICS-EMIF06-HMC01F2_08 Datasheet
231Kb / 8P
6-line IPAD, EMI filter including ESD protection
28-Apr-2008
EMIF06-VID01F2 STMICROELECTRONICS-EMIF06-VID01F2_08 Datasheet
172Kb / 7P
6-line IPAD, low capacitance EMI filter and ESD protection
28-Apr-2008
EMIF09-SD01F3 STMICROELECTRONICS-EMIF09-SD01F3_08 Datasheet
375Kb / 9P
9-line IPAD, EMI filter and ESD protection
28-Apr-2008
EMIF01-TV02F3 STMICROELECTRONICS-EMIF01-TV02F3 Datasheet
170Kb / 7P
Single line IPAD?? EMI filter and ESD protection
06-Oct-2010
EMIF02-MIC06F3 STMICROELECTRONICS-EMIF02-MIC06F3 Datasheet
211Kb / 8P
2-line IPAD??EMI filter and ESD protection
23-Sep-2011
EMIF06-1002F2 STMICROELECTRONICS-EMIF06-1002F2 Datasheet
218Kb / 7P
6-line IPAD?? EMI filter and ESD protection
29-Mar-2010
EMIF10-LCD03F3 STMICROELECTRONICS-EMIF10-LCD03F3_10 Datasheet
278Kb / 7P
10-line IPAD?? EMI filter and ESD protection
19-Feb-2010
EMIF06-HMC02F2 STMICROELECTRONICS-EMIF06-HMC02F2 Datasheet
285Kb / 7P
6-line IPAD™, EMI filter including ESD protection
March 2016 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com