Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF06-MSD02N16 Datasheet(PDF) 5 Page - STMicroelectronics

Part # EMIF06-MSD02N16
Description  6-line IPAD?? EMI filter and ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-MSD02N16 Datasheet(HTML) 5 Page - STMicroelectronics

  EMIF06-MSD02N16 Datasheet HTML 1Page - STMicroelectronics EMIF06-MSD02N16 Datasheet HTML 2Page - STMicroelectronics EMIF06-MSD02N16 Datasheet HTML 3Page - STMicroelectronics EMIF06-MSD02N16 Datasheet HTML 4Page - STMicroelectronics EMIF06-MSD02N16 Datasheet HTML 5Page - STMicroelectronics EMIF06-MSD02N16 Datasheet HTML 6Page - STMicroelectronics EMIF06-MSD02N16 Datasheet HTML 7Page - STMicroelectronics EMIF06-MSD02N16 Datasheet HTML 8Page - STMicroelectronics EMIF06-MSD02N16 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
EMIF06-MSD02N16
Application information
5/12
Figure 8.
Mechanical card detection
A pull-up of 90 k
Ω is embedded into the EMIF06-MSD02N16. The routing corresponding to
the mechanical card detection configuration is shown in Figure 9.
Figure 9.
Circuit routing for mechanical card detection
In case of electrical card detection, the user must add a pull-down on the circuit connected
to the CD/DAT3 pin of the micro-SD/T-Flash pin as shown in Figure 10.
Figure 10.
Electrical card detection
Contact when
inserting
the card
SD card
Pull - up
resistor
V
DD
GND
WP/CD
GND
Host
controller
Card detect pin
Card detect host input
Pin 1–DAT2
Pin 2–CD/DAT3
Pin 3 –CMD
Pin 5 –CLK
Pin 6–GND
Pin 7–DAT0
Pin 8–DAT1
Card detect pull-up
Top level
DAT3 pull-up
Pin 4 –VCC
NC
Card detect pull-up
Top level
DAT3 pull-up
Card detect pin
Card detect host input
Pin 1
–
DAT2
Pin 2
–
CD/DAT3
Pin 3
–
CMD
Pin 5
–
CLK
Pin 6
–
GND
Pin 7
–
DAT0
Pin 8
–
DAT1
Pin 4
–
VCC
NC
Bottom view
Top view
SD card
DAT3 (CD)
50 k
Ω
0
GND
Host
controller
Pull - down
resistor
V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com