Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA892 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BA892
Description  Silicon Rf Switching Diode Preliminary data
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BA892 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BA892 Datasheet HTML 1Page - Siemens Semiconductor Group BA892 Datasheet HTML 2Page - Siemens Semiconductor Group BA892 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BA 892
Semiconductor Group
Au -03-1998
2
Electrical Characteristics at
TA = 25°C, unless otherwise specified.
Parameter
Values
Unit
Symbol
min.
max.
typ.
DC characteristics
IR
-
-
µA
Reverse current
VR = 20 V
20
VF
-
-
1
V
Forward voltage
IF = 100 mA
AC characteristics
pF
CT
Diode capacitance
VR = 1 V, f = 1 MHz
VR = 3 V, f = 1 MHz
0.92
0.85
1.3
1.1
0.65
0.6
Ω
Forward resistance
IF = 3 mA, f = 100 MHz
IF = 10 mA, f = 100 MHz
-
-
0.45
0.36
rf
0.7
0.5
k
Ω
Reverse resistance
VR = 1 V, f = 100 MHz
1/
gp
-
100
-
nH
Series inductance
Ls
-
0.6
-
Semiconductor Group
2
1998-11-01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com