Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA892 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BA892
Description  Silicon Rf Switching Diode Preliminary data
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BA892 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BA892 Datasheet HTML 1Page - Siemens Semiconductor Group BA892 Datasheet HTML 2Page - Siemens Semiconductor Group BA892 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BA 892
Semiconductor Group
Au -03-1998
3
Diode capacitance
CT = f (VR)
f = 1MHz
0
0.0
EHD07009
C
T
R
V
10
20
V
30
0.4
0.8
1.2
1.6
pF
2.0
Forward resistance
rf = f (IF)
f = 100MHz
10
EHD07010
r
f
F
Ι
-1
0
10
1
10
2
10
mA
-1
10
Ω
10
1
10
0
Forward current
IF = f (VF)
TA = 25°C
0.5
0.6
0.7
0.8
0.9
V
1.1
VF
-2
10
-1
10
0
10
1
10
2
10
3
10
mA
Semiconductor Group
3
1998-11-01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com