Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLU024 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # IRLU024
Description  Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRLU024 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button IRLU024 Datasheet HTML 2Page - Vishay Siliconix IRLU024 Datasheet HTML 3Page - Vishay Siliconix IRLU024 Datasheet HTML 4Page - Vishay Siliconix IRLU024 Datasheet HTML 5Page - Vishay Siliconix IRLU024 Datasheet HTML 6Page - Vishay Siliconix IRLU024 Datasheet HTML 7Page - Vishay Siliconix IRLU024 Datasheet HTML 8Page - Vishay Siliconix IRLU024 Datasheet HTML 9Page - Vishay Siliconix IRLU024 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Document Number: 91344
www.vishay.com
Revision: 15-Sep-08
1
Package Information
Vishay Siliconix
TO-252AA (HIGH VOLTAGE)
Notes
1. Package body sizes exclude mold flash, protrusion or gate burrs. Mold flash, protrusion or gate burrs shall not exceed 0.10 mm per side.
2. Package body sizes determined at the outermost extremes of the plastic body exclusive of mold flash, gate burrs and interlead flash, but
including any mismatch between the top and bottom of the plastic body.
3. The package top may be smaller than the package bottom.
4. Dimension "b" does not include dambar protrusion. Allowable dambar protrusion shall be 0.10 mm total in excess of "b" dimension at maximum
material condition. The dambar cannot be located on the lower radius of the foot.
E
b3
L3
L4
b2
e
b
D
H
E1
D1
A
c2
L1
L2
c
A1
L
θ
MILLIMETERS
INCHES
DIM.
MIN.
MAX.
MIN.
MAX.
E
6.40
6.73
0.252
0.265
L
1.40
1.77
0.055
0.070
L1
2.743 REF
0.108 REF
L2
0.508 BSC
0.020 BSC
L3
0.89
1.27
0.035
0.050
L4
0.64
1.01
0.025
0.040
D
6.00
6.22
0.236
0.245
H
9.40
10.40
0.370
0.409
b
0.64
0.88
0.025
0.035
b2
0.77
1.14
0.030
0.045
b3
5.21
5.46
0.205
0.215
e
2.286 BSC
0.090 BSC
A
2.20
2.38
0.087
0.094
A1
0.00
0.13
0.000
0.005
c
0.45
0.60
0.018
0.024
c2
0.45
0.58
0.018
0.023
D1
5.30
-
0.209
-
E1
4.40
-
0.173
-
θ
0'
10'
0'
10'
ECN: S-81965-Rev. A, 15-Sep-08
DWG: 5973



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com