Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLU024 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IRLU024
Description  Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRLU024 Datasheet(HTML) 1 Page - Vishay Siliconix

  IRLU024 Datasheet HTML 1Page - Vishay Siliconix IRLU024 Datasheet HTML 2Page - Vishay Siliconix IRLU024 Datasheet HTML 3Page - Vishay Siliconix IRLU024 Datasheet HTML 4Page - Vishay Siliconix IRLU024 Datasheet HTML 5Page - Vishay Siliconix IRLU024 Datasheet HTML 6Page - Vishay Siliconix IRLU024 Datasheet HTML 7Page - Vishay Siliconix IRLU024 Datasheet HTML 8Page - Vishay Siliconix IRLU024 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Document Number: 91322
www.vishay.com
S-82993-Rev. B, 19-Jan-09
1
Power MOSFET
IRLR024, IRLU024, SiHLR024, SiHLU024
Vishay Siliconix
FEATURES
• Dynamic dV/dt Rating
• Surface Mount (IRLR024/SiHLR024)
• Straight Lead (IRLU024/SiHLU024)
• Available in Tape and Reel
• Logic-Level Gate Drive
•RDS(on) Specified at VGS = 4 V and 5 V
• Fast Switching
• Lead (Pb)-free Available
DESCRIPTION
Third generation Power MOSFETs from Vishay provide the
designer with the best combination of fast switching,
ruggedized
device
design,
low
on-resistance
and
cost-effectiveness.
The DPAK is designed for surface mounting using vapor
phase, infrared, or wave soldering techniques. The straight
lead version (IRLU/SiHLU series) is for through-hole
mounting applications. Power dissipation levels up to 1.5 W
are possible in typical surface mount applications.
Note
a. See device orientation.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = 25 V, starting TJ = 25 °C, L = 541 µH, RG = 25 Ω, IAS = 14 A (see fig. 12).
c. ISD ≤ 17 A, dI/dt ≤ 140 A/µs, VDD ≤ VDS, TJ ≤ 150 °C.
d. 1.6 mm from case.
e. When mounted on 1" square PCB (FR-4 or G-10 material).
PRODUCT SUMMARY
VDS (V)
60
RDS(on) (Ω)VGS = 5.0 V
0.10
Qg (Max.) (nC)
18
Qgs (nC)
4.5
Qgd (nC)
12
Configuration
Single
N-Channel MOSFET
G
D
S
DPAK
(TO-252)
IPAK
(TO-251)
G
D S
S
D
G
D
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
DPAK (TO-252)
DPAK (TO-252)
IPAK (TO-251)
Lead (Pb)-free
IRLR024PbF
IRLR024TRPbFa
IRLU024PbF
SiHLR024-E3
SiHLR024T-E3a
SiHLU024-E3
SnPb
IRLR024
IRLR024TRa
IRLU024
SiHLR024
SiHLR024Ta
SiHLU024
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
± 10
Continuous Drain Current
VGS at 5.0 V
TC = 25 °C
ID
14
A
TC = 100 °C
9.2
Pulsed Drain Currenta
IDM
56
Linear Derating Factor
0.33
W/°C
Linear Derating Factor (PCB Mount)e
0.020
Single Pulse Avalanche Energyb
EAS
91
mJ
Maximum Power Dissipation
TC = 25 °C
PD
42
W
Maximum Power Dissipation (PCB Mount)e
TA = 25 °C
2.5
Peak Diode Recovery dV/dtc
dV/dt
4.5
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)
for 10 s
260d
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - IRLU024

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRLU024 VISHAY-IRLU024 Datasheet
1Mb / 8P
Power MOSFET
21-Jul-08
IRLU024 VISHAY-IRLU024 Datasheet
463Kb / 11P
Power MOSFET
04-Feb-13
IRLU024 VISHAY-IRLU024 Datasheet
472Kb / 13P
Power MOSFET
02-Aug-2021
logo
Inchange Semiconductor ...
IRLU024A ISC-IRLU024A Datasheet
397Kb / 2P
isc N-Channel MOSFET Transistor
logo
International Rectifier
IRLU024N IRF-IRLU024N Datasheet
162Kb / 10P
HEXFET Power MOSFET
More results

Similar Description - IRLU024

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com