Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3045S Datasheet(PDF) 2 Page - Vishay Siliconix

Part # M3045S
Description  Schottky Barrier Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M3045S Datasheet(HTML) 2 Page - Vishay Siliconix

  M3045S Datasheet HTML 1Page - Vishay Siliconix M3045S Datasheet HTML 2Page - Vishay Siliconix M3045S Datasheet HTML 3Page - Vishay Siliconix M3045S Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 89157
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 17-Nov-09
M3035S, M3045S
Vishay General Semiconductor
New Product
Notes
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Maximum instantaneous
forward voltage
IF = 15 A
TJ = 25 °C
VF (1)
0.54
-
V
IF = 30 A
0.65
0.70
IF = 15 A
TJ = 125 °C
0.46
-
IF = 30 A
0.61
0.66
Maximum instantaneous
reverse current at rated VR
TJ = 25 °C
IR (2)
40
200
µA
TJ = 125 °C
26
55
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
980
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
M3035S
M3045S
UNIT
Typical thermal resistance
RθJC
2.0
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
M3045S-M3/4W
1.878
4W
50/tube
Tube
Case Temperature (°C)
35
15
0
0
75
150
25
25
100
5
50
125
10
30
20
Number of Cycles at 60 Hz
300
150
0
1100
200
10
50
100
250
T
J = TJ Max.
8.3 ms Single Half Sine-Wave



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com