Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3045S Datasheet(PDF) 3 Page - Vishay Siliconix

Part # M3045S
Description  Schottky Barrier Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M3045S Datasheet(HTML) 3 Page - Vishay Siliconix

  M3045S Datasheet HTML 1Page - Vishay Siliconix M3045S Datasheet HTML 2Page - Vishay Siliconix M3045S Datasheet HTML 3Page - Vishay Siliconix M3045S Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 89157
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 17-Nov-09
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
M3035S, M3045S
Vishay General Semiconductor
New Product
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Instantaneous Forward Voltage (V)
100
0.1
0.01
00.9
1
0.1
10
0.8
0.7
0.6
0.5
0.4
0.3
0.2
Pulse Width = 300 µs
1 % Duty Cycle
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
Percent of Rated Peak Reverse Voltage (%)
1000
0.1
0.001
10
100
1
20
10
90
80
70
60
50
40
30
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
0.01
100
Reverse Voltage (V)
10 000
100
0.1
100
110
1000
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
t - Pulse Duration (s)
10
0.1
0.01
100
110
1
0.1
Junction to Case
TO-220AB
0.113 (2.87)
0.103 (2.62)
0.370 (9.40)
0.360 (9.14)
0.415 (10.54) MAX.
0.635 (16.13)
0.625 (15.87)
PIN
0.160 (4.06)
0.140 (3.56)
0.057 (1.45)
0.045 (1.14)
0.105 (2.67)
0.095 (2.41)
0.104 (2.65)
0.096 (2.45)
0.205 (5.20)
0.195 (4.95)
0.035 (0.90)
0.028 (0.70)
0.154 (3.91)
0.148 (3.74)
1
3
2
0.185 (4.70)
0.175 (4.44)
0.055 (1.39)
0.045 (1.14)
0.145 (3.68)
0.135 (3.43)
0.350 (8.89)
0.330 (8.38)
1.148 (29.16)
1.118 (28.40)
0.560 (14.22)
0.530 (13.46)
0.022 (0.56)
0.014 (0.36)
0.110 (2.79)
0.100 (2.54)
0.603 (15.32)
0.573 (14.55)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com