Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UEE Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # UEE
Description  Isolated, High-Density, Eighth-Brick DOSA Low Profi le DC/DC Converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UEE Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  UEE Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
www.murata-ps.com/support
PART NUMBER STRUCTURE
UEE Series
Isolated, High-Density, Eighth-Brick
DOSA Low Profile DC/DC Converters
MDC_UEE_Series.A04 Page 2 of 29
Maximum Rated Output
Current in Amps
Eighth-Brick Package
Output Configuration:
U = Unipolar/Single
Nominal Output Voltage
U EE -
/
D48
-
3.3
30
Input Voltage Range:
D48 = 36-75V,
48V nominal
PERFORMANCE SPECIFICATIONS AND ORDERING GUIDE
Model Family
Output
Input
Efficiency
Package
VOUT
(V)
IOUT
(A)
Power
(W)
Ripple & Noise
(mVp-p)
Regulation (max.)
VIN Nom.
(V)
Range
(V)
IIN, no
load
(mA)
IIN, full
load
(A)
Typ.
Max.
Line
Load
Min.
Typ.
Case
Pinout
UEE-3.3/15-D48
3.3
15
50
50
70
±0.1%
±0.1%
48
36-75
30
1.15
88%
90%
C56
P32
UEE-3.3/25-D48
3.3
25
82.5
30
60
±0.1%
±0.2%
48
36-75
100
2.29
88%
90%
C56
P32
UEE-3.3/30-D48
3.3
30
99
30
60
±0.1%
±0.2%
48
36-75
100
2.29
88%
90%
C56
P32
➀ Please refer to the model number structure for additional ordering part numbers and options.
➁ All specifications are typical unless noted. General conditions for Specifications are +25 deg.C,
Vin=nominal, Vout=nominal (no trim installed), full rated load. Adequate airflow must be supplied
for extended testing under power.
All models are tested and specified with external 1μF and 10 μF paralleled output capacitors and
no external input capacitor. All capacitors are low ESR types. Caps are layout dependent. These
capacitors are necessary to accommodate our test equipment and may not be required in your
applications. All models are stable and regulate within spec under no-load conditions.
➂ Some models are pending safety certification.
H
Conformal coating (optional)
Blank = no coating, standard
H = Coating added, optional, special quantity order
C
-
RoHS Hazardous Materials compliance
C = RoHS6 (does not claim EU RoHS exemption 7b–lead in solder), standard
Y = RoHS5 (with lead), optional, special quantity order
Note: Some model combinations may not be
available. Contact Murata Power Solutions for
availability.
N
On/Off Control Polarity
N = Negative polarity, standard
P = Positive polarity, optional
B
Baseplate (optional, not available on UEE-3.3/15-D48 models or SMT models)
Blank = No baseplate, standard
B = Baseplate installed, optional, special quantity order
Lx
Pin Length Option (Through-hole packages only)
Blank = Standard pin length 0.180 inches (4.6mm)
L1 = Pin length 0.110 inches (2.79mm)*
L2 = Pin length 0.145 inches (3.68mm)*
* Special quantity order is required.
M
Surface Mount (SMT models cannot accept the baseplate)
Blank = Thru-hole pin mount, no SMT
M = Surface mount (*MSL Rating 2a, no baseplate allowed)
*Reflow temp ≤ 250°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com