Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UEE Datasheet(PDF) 21 Page - Murata Manufacturing Co., Ltd.

Part # UEE
Description  Isolated, High-Density, Eighth-Brick DOSA Low Profi le DC/DC Converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UEE Datasheet(HTML) 21 Page - Murata Manufacturing Co., Ltd.

Back Button UEE Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
www.murata-ps.com/support
MECHANICAL SPECIFICATIONS (SURFACE MOUNT, MSL Rating 2a)
Third Angle Projection
Dimensions are in inches (mm shown for ref. only).
Components are shown for reference only
and may vary between units.
Tolerances (unless otherwise specified):
.XX ± 0.02 (0.5)
.XXX ± 0.010 (0.25)
Angles ± 2˚
RECOMMENDED PAD LAYOUT (SMD)
BOTTOM PIN VIEW
3
2
1
8
7
6
5
4
0.02 minimum clearance
highest component
2.000 (50.8)
2.00 (50.8)
2.30 (58.4)
2.30 (58.4)
0.15 (3.8)
SIDE VIEW, OPEN FRAME
0.037
(0.939)
FINISH:UNDERPLATE WITH 2.54 μm MIN AND 7.6 μm MAX 0F NICKEL,
OVERPLATE WITH 0.10 μm MIN AND 0.30 μm Max OF GOLD.
Do not place components directly below the converter.
UEE Series
Isolated, High-Density, Eighth-Brick
DOSA Low Profile DC/DC Converters
MDC_UEE_Series.A04 Page 21 of 29
Package C56
DOSA-Compatible
INPUT/OUTPUT CONNECTIONS
Pin
Function P32
1
Positive Input
2
On/Off Control
3
Negative Input
4
Negative Output
5
Negative Sense
6
Output Trim
7
Positive Sense
8
Positive Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com