Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB2080CTGTLP Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MBRB2080CTGTLP
Description  Schottky Rectifier, 2 x 10 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRB2080CTGTLP Datasheet(HTML) 5 Page - Vishay Siliconix

  MBRB2080CTGTLP Datasheet HTML 1Page - Vishay Siliconix MBRB2080CTGTLP Datasheet HTML 2Page - Vishay Siliconix MBRB2080CTGTLP Datasheet HTML 3Page - Vishay Siliconix MBRB2080CTGTLP Datasheet HTML 4Page - Vishay Siliconix MBRB2080CTGTLP Datasheet HTML 5Page - Vishay Siliconix MBRB2080CTGTLP Datasheet HTML 6Page - Vishay Siliconix MBRB2080CTGTLP Datasheet HTML 7Page - Vishay Siliconix MBRB2080CTGTLP Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 94517
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 16-Mar-10
5
VS-MBRB20...CTGPbF, VS-MBR20...CTG-1PbF Series
Schottky Rectifier, 2 x 10 A Vishay High Power Products
ORDERING INFORMATION TABLE
3
-
B = D2PAK
None = TO-262
80 = 80 V
90 = 90 V
100 = 100 V
2
-
Essential part number
4
-
Current rating (20 = 20 A)
5
-
Voltage ratings
6
-
CT = Essential part number
7
-
G = Schottky generation
8
-
None = D2PAK
-1 = TO-262
9
-
None = Tube (50 pieces)
TL = Tape and reel (left oriented - for D2PAK only)
TR = Tape and reel (right oriented - for D2PAK only)
-
10
P = Lead (Pb)-free (for D2PAK TL/TR, and TO-262)
PbF = Lead (Pb)-free (for D2PAK tube)
1
-
HPP product suffix
Device code
5
1
3
24
67
8
9
10
VS- MBR
B
20
100
CT
G
-1
TL
PbF
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95014
Part marking information
www.vishay.com/doc?95008
Packaging information
www.vishay.com/doc?95032



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com