Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB2080CTGTLP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MBRB2080CTGTLP
Description  Schottky Rectifier, 2 x 10 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRB2080CTGTLP Datasheet(HTML) 2 Page - Vishay Siliconix

  MBRB2080CTGTLP Datasheet HTML 1Page - Vishay Siliconix MBRB2080CTGTLP Datasheet HTML 2Page - Vishay Siliconix MBRB2080CTGTLP Datasheet HTML 3Page - Vishay Siliconix MBRB2080CTGTLP Datasheet HTML 4Page - Vishay Siliconix MBRB2080CTGTLP Datasheet HTML 5Page - Vishay Siliconix MBRB2080CTGTLP Datasheet HTML 6Page - Vishay Siliconix MBRB2080CTGTLP Datasheet HTML 7Page - Vishay Siliconix MBRB2080CTGTLP Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
For technical questions, contact: diodestech@vishay.com
Document Number: 94517
2
Revision: 16-Mar-10
VS-MBRB20...CTGPbF, VS-MBR20...CTG-1PbF Series
Vishay High Power Products Schottky Rectifier, 2 x 10 A
Note
(1) Pulse width < 300 μs, duty cycle < 2 %
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average
forward current
per leg
IF(AV)
TC = 133 °C, rated VR
10
A
per device
20
Peak repetitive forward current per leg
IFRM
Rated VR, square wave, 20 kHz
TC = 133 °C
20
Non-repetitive peak surge current
IFSM
5 μs sine or 3 μs
rect. pulse
Following any rated load condition
and with rated VRRM applied
850
Surge applied at rated load conditions half wave,
single phase, 60 Hz
150
Peak repetitive reverse surge current
IRRM
2.0 μs, 1.0 kHz
0.5
Non-repetitive avalanche energy per leg
EAS
TJ = 25 °C, IAS = 2 A, L = 12 mH
24
mJ
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop
VFM (1)
10 A
TJ = 25 °C
0.80
V
20 A
0.95
10 A
TJ = 125 °C
0.70
20 A
0.85
Maximum instantaneous
reverse current
IRM (1)
TJ = 25 °C
VR = Rated VR
0.10
mA
TJ = 125 °C
6
Threshold voltage
VF(TO)
TJ = TJ maximum
0.433
V
Forward slope resistance
rt
15.8
m
Ω
Maximum junction capacitance
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz), 25 °C
400
pF
Typical series inductance
LS
Measured from top of terminal to mounting plane
8.0
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/μs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction temperature range
TJ
- 65 to 150
°C
Maximum storage temperature range
TStg
- 65 to 175
Maximum thermal resistance,
junction to case per leg
RthJC
DC operation
2.0
°C/W
Maximum thermal resistance
junction to ambient
RthJA
50
Approximate weight
2g
0.07
oz.
Mounting torque
minimum
Non-lubricated threads
6 (5)
kgf · cm
(lbf · in)
maximum
12 (10)
Marking device
Case style D2PAK
MBRB2080CTG
MBRB2090CTG
MBRB20100CTG
Case style TO-262
MBR2080CTG-1
MBR2090CTG-1
MBR20100CTG-1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com