Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1PD Datasheet(PDF) 1 Page - Vishay Siliconix

Part # S1PD
Description  High Current Density Surface Mount Glass Passivated Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S1PD Datasheet(HTML) 1 Page - Vishay Siliconix

  S1PD Datasheet HTML 1Page - Vishay Siliconix S1PD Datasheet HTML 2Page - Vishay Siliconix S1PD Datasheet HTML 3Page - Vishay Siliconix S1PD Datasheet HTML 4Page - Vishay Siliconix S1PD Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 88917
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 19-Apr-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Current Density Surface Mount
Glass Passivated Rectifiers
S1PB thru S1PM
Vishay General Semiconductor
New Product
TYPICAL APPLICATIONS
General
purpose,
polarity
protection,
and
rail-to-rail
protection in both consumer and automotive applications.
FEATURES
• Very low profile - typical height of 1.0 mm
• Ideal for automated placement
• Glass passivated chip junction
• Low forward voltage drop
• Low thermal resistance
• Meets
MSL
level
1,
per
J-STD-020,
LF maximum peak of 260 °C
• AEC-Q101 qualified
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21 definition
MECHANICAL DATA
Case: DO-220AA (SMP)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS compliant, and
commercial grade
Base P/NHM3 - halogen-free, RoHS compliant, and
automotive grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test, HM3 suffix
meets JESD 201 class 2 whisker test
Polarity: Color band denotes the cathode end
PRIMARY CHARACTERISTICS
IF(AV)
1.0 A
VRRM
100 V to 1000 V
IR
1 μA
VF
0.95 V
TJ max.
150 °C
DO-220AA (SMP)
eSMP
® Series
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
S1PB
S1PD
S1PG
S1PJ
S1PK
S1PM
UNIT
Device marking code
SB
SD
SG
SJ
SK
SM
Maximum repetitive peak reverse voltage
VRRM
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
100
200
400
600
800
1000
V
Average forward current
IF(AV)
1.0
A
Peak forward surge current 10 ms single half
sine-wave superimposed on rated load
IFSM
30
A
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - S1PD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S1PD VISHAY-S1PD Datasheet
153Kb / 2P
High Current Density Surface Mount Glass-Passivated Rectifiers
23-Sep-04
S1PD VISHAY-S1PD Datasheet
100Kb / 5P
High Current Density Surface-Mount Glass Passivated Rectifiers
15-Apr-2020
logo
Sirectifier Semiconduct...
S1PDB122 SIRECTIFIER-S1PDB122 Datasheet
63Kb / 2P
Single Phase Bridge Rectifiers Modules
S1PDB122N08 SIRECTIFIER-S1PDB122N08 Datasheet
63Kb / 2P
Single Phase Bridge Rectifiers Modules
S1PDB122N08 SIRECTIFIER-S1PDB122N08 Datasheet
82Kb / 2P
Single Phase Bridge Rectifiers Modules
More results

Similar Description - S1PD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ES1PA VISHAY-ES1PA Datasheet
153Kb / 2P
High Current Density Surface Mount Ultrafast Rectifiers
23-Sep-04
S1PA VISHAY-S1PA Datasheet
153Kb / 2P
High Current Density Surface Mount Glass-Passivated Rectifiers
23-Sep-04
ESH1PB VISHAY-ESH1PB_11 Datasheet
86Kb / 4P
High Current Density Surface Mount Ultrafast Rectifiers
19-Apr-11
RS1PB VISHAY-RS1PB Datasheet
84Kb / 4P
High Current Density Surface Mount Glass Passivated Fast Switching Rectifier
19-Apr-11
S4PB VISHAY-S4PB Datasheet
96Kb / 5P
High Current Density Surface Mount Glass Passivated Rectifiers
19-Apr-11
S1PM-M3 VISHAY-S1PM-M3 Datasheet
89Kb / 5P
High Current Density Surface Mount Glass Passivated Rectifiers
14-Aug-13
RS1PG-M3 VISHAY-RS1PG-M3 Datasheet
489Kb / 4P
High Current Density Surface Mount Glass Passivated Fast Switching Rectifier
21-Aug-13
RS1PB VISHAY-RS1PB_V01 Datasheet
99Kb / 5P
High Current Density Surface-Mount Glass Passivated Fast Switching Rectifier
15-Apr-2020
S1PB VISHAY-S1PB_V01 Datasheet
100Kb / 5P
High Current Density Surface-Mount Glass Passivated Rectifiers
15-Apr-2020
S4PB VISHAY-S4PB_V01 Datasheet
109Kb / 5P
High Current Density Surface Mount Glass Passivated Rectifiers
13-Aug-18
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com