Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1808 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # AM1808
Description  AM1808 ARM Microprocessor
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1808 Datasheet(HTML) 34 Page - Texas Instruments

Back Button AM1808 Datasheet HTML 30Page - Texas Instruments AM1808 Datasheet HTML 31Page - Texas Instruments AM1808 Datasheet HTML 32Page - Texas Instruments AM1808 Datasheet HTML 33Page - Texas Instruments AM1808 Datasheet HTML 34Page - Texas Instruments AM1808 Datasheet HTML 35Page - Texas Instruments AM1808 Datasheet HTML 36Page - Texas Instruments AM1808 Datasheet HTML 37Page - Texas Instruments AM1808 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 265 page
background image
AM1808
SPRS653B
– FEBRUARY 2010 – REVISED APRIL 2011
www.ti.com
2.7.12 Universal Asynchronous Receiver/Transmitters (UART0, UART1, UART2)
Table 2-14. Universal Asynchronous Receiver/Transmitter (UART) Terminal Functions
SIGNAL
POWER
TYPE(1)
PULL(2)
DESCRIPTION
GROUP(3)
NAME
NO.
UART0
SPI0_SCS[5] / UART0_RXD / GP8[4] / MII_RXD[3]
C19
I
CP[8]
A
UART0 receive data
SPI0_SCS[4] / UART0_TXD / GP8[3] / MII_RXD[2]
D18
O
CP[8]
A
UART0 transmit data
SPI0_SCS[2] / UART0_RTS / GP8[1] / MII_RXD[0] /
D16
O
CP[9]
A
UART0 ready-to-send output
SATA_CP_DET
SPI0_SCS[3] / UART0_CTS / GP8[2] / MII_RXD[1] /
E17
I
CP[9]
A
UART0 clear-to-send input
SATA_MP_SWITCH
UART1
SPI1_SCS[3] / UART1_RXD / SATA_LED / GP1[1]
E18
I
CP[13]
A
UART1 receive data
SPI1_SCS[2] / UART1_TXD / SATA_CP_POD / GP1[0]
F19
O
CP[13]
A
UART1 transmit data
AHCLKR / PRU0_R30[18] / UART1_RTS / GP0[11] /
A2
O
CP[0]
A
UART1 ready-to-send output
PRU0_R31[18]
AHCLKX / USB_REFCLKIN / UART1_CTS / GP0[10] /
A3
I
CP[0]
A
UART1 clear-to-send input
PRU0_R31[17]
UART2
SPI1_SCS[5] / UART2_RXD / I2C1_SCL / GP1[3]
F17
I
CP[12]
A
UART2 receive data
SPI1_SCS[4] / UART2_TXD / I2C1_SDA / GP1[2]
F16
O
CP[12]
A
UART2 transmit data
AMUTE / PRU0_R30[16] / UART2_RTS / GP0[9] /
D5
O
CP[0]
A
UART2 ready-to-send output
PRU0_R31[16]
RTC_ALARM / UART2_CTS / GP0[8] / DEEPSLEEP
F4
I
CP[0]
A
UART2 clear-to-send input
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor; IPU = Internal Pullup resistor; CP[n] = configurable pull-up/pull-down (where n is the pin group) using
the PUPDENA and PUPDSEL registers in the System Module.The pull-up and pull-down control of these pins is not active until the
device is out of reset. During reset, all of the pins associated with these registers are pulled down. If the application requires a pull-up,
an external pull-up can be used. For electrical specifications on the pull-up and and internal pull-down circuits, see the Device Operating
Conditions section.
(3)
This signal is part of a dual-voltage IO group (A, B or C). These groups can be operated at 3.3V or 1.8V nominal. The three groups can
be operated at independent voltages but all pins withina group will operate at the same voltage. Group A operates at the voltage of
power supply DVDD3318_A. Group B operates at the voltage of power supply DVDD3318_B. Group C operates at the voltage of power
supply DVDD3318_C.
34
Device Overview
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com