Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1808 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # AM1808
Description  AM1808 ARM Microprocessor
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1808 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AM1808 Datasheet HTML 9Page - Texas Instruments AM1808 Datasheet HTML 10Page - Texas Instruments AM1808 Datasheet HTML 11Page - Texas Instruments AM1808 Datasheet HTML 12Page - Texas Instruments AM1808 Datasheet HTML 13Page - Texas Instruments AM1808 Datasheet HTML 14Page - Texas Instruments AM1808 Datasheet HTML 15Page - Texas Instruments AM1808 Datasheet HTML 16Page - Texas Instruments AM1808 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 265 page
background image
AM1808
www.ti.com
SPRS653B
– FEBRUARY 2010 – REVISED APRIL 2011
Table 2-2. Device Top Level Memory Map (continued)
Start Address
End Address
Size
ARM Mem Map
EDMA Mem Map
PRUSS Mem
Master
LCDC Mem
Map
Peripheral Mem
Map
Map
0x01E1 7000
0x01E1 7FFF
4K
VPIF
0x01E1 8000
0x01E1 9FFF
8K
SATA
0x01E1 A000
0x01E1 AFFF
4K
PLL Controller 1
0x01E1 B000
0x01E1 BFFF
4K
MMCSD1
0x01E1 C000
0x01E1 FFFF
0x01E2 0000
0x01E2 1FFF
8K
EMAC Control Module RAM
0x01E2 2000
0x01E2 2FFF
4K
EMAC Control Module Registers
0x01E2 3000
0x01E2 3FFF
4K
EMAC Control Registers
0x01E2 4000
0x01E2 4FFF
4K
EMAC MDIO port
0x01E2 5000
0x01E2 5FFF
4K
USB1
0x01E2 6000
0x01E2 6FFF
4K
GPIO
0x01E2 7000
0x01E2 7FFF
4K
PSC 1
0x01E2 8000
0x01E2 8FFF
4K
I2C 1
0x01E2 9000
0x01E2 BFFF
0x01E2 C000
0x01E2 CFFF
4K
SYSCFG1
0x01E2 D000
0x01E2 FFFF
0x01E3 0000
0x01E3 7FFF
32K
EDMA3 CC1
0x01E3 8000
0x01E3 83FF
1K
EDMA3 TC2
0x01E3 8400
0x01EF FFFF
0x01F0 0000
0x01F0 0FFF
4K
eHRPWM 0
0x01F0 1000
0x01F0 1FFF
4K
HRPWM 0
0x01F0 2000
0x01F0 2FFF
4K
eHRPWM 1
0x01F0 3000
0x01F0 3FFF
4K
HRPWM 1
0x01F0 4000
0x01F0 5FFF
0x01F0 6000
0x01F0 6FFF
4K
ECAP 0
0x01F0 7000
0x01F0 7FFF
4K
ECAP 1
0x01F0 8000
0x01F0 8FFF
4K
ECAP 2
0x01F0 9000
0x01F0 BFFF
0x01F0 C000
0x01F0 CFFF
4K
Timer2
0x01F0 D000
0x01F0 DFFF
4K
Timer3
0x01F0 E000
0x01F0 EFFF
4K
SPI1
0x01F0 F000
0x01F0 FFFF
0x01F1 0000
0x01F1 0FFF
4K
McBSP0 FIFO Data
0x01F1 1000
0x01F1 1FFF
4K
McBSP1 FIFO Data
0x01F1 2000
0x3FFF FFFF
0x4000 0000
0x5FFF FFFF
512M
EMIFA SDRAM data (CS0)
0x6000 0000
0x61FF FFFF
32M
EMIFA async data (CS2)
0x6200 0000
0x63FF FFFF
32M
EMIFA async data (CS3)
0x6400 0000
0x65FF FFFF
32M
EMIFA async data (CS4)
0x6600 0000
0x67FF FFFF
32M
EMIFA async data (CS5)
0x6800 0000
0x6800 7FFF
32K
EMIFA Control Regs
0x6800 8000
0x7FFF FFFF
0x8000 0000
0x8001 FFFF
128K
On-Chip RAM
0x8002 0000
0xAFFF FFFF
0xB000 0000
0xB000 7FFF
32K
DDR2 Control Regs
0xB000 8000
0xBFFF FFFF
Copyright
© 2010–2011, Texas Instruments Incorporated
Device Overview
13
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com