Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP4282 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIP4282
Description  1.2 A Slew Rate Controlled Load Switch in PPAK SC75-6, and TDFN4 1.2 mm x 1.6 mm
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP4282 Datasheet(HTML) 5 Page - Vishay Siliconix

  SIP4282 Datasheet HTML 1Page - Vishay Siliconix SIP4282 Datasheet HTML 2Page - Vishay Siliconix SIP4282 Datasheet HTML 3Page - Vishay Siliconix SIP4282 Datasheet HTML 4Page - Vishay Siliconix SIP4282 Datasheet HTML 5Page - Vishay Siliconix SIP4282 Datasheet HTML 6Page - Vishay Siliconix SIP4282 Datasheet HTML 7Page - Vishay Siliconix SIP4282 Datasheet HTML 8Page - Vishay Siliconix SIP4282 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Document Number: 65740
S10-0671-Rev. E, 29-Mar-10
www.vishay.com
5
Vishay Siliconix
SiP4282
TYPICAL CHARACTERISTICS internally regulated, 25 °C, unless otherwise noted
Figure 8 - Off Switch Current vs. Input Voltage
Figure 10 - RDS(ON) vs. Input Voltage
Figure 12 - Output Pull-Down Resistance vs.
0
1.5
2.0
2.5
3.5
5.0
6.0
3.0
4.0
5.5
4.5
150
50
250
200
100
300
350
V
IN (V)
50
1.5
2.0
2.5
3.5
5.5
3.0
4.0
4.5
5.0
250
100
450
350
150
550
200
400
300
500
VIN (V)
I
L = 1.2 A
I
L = 100 mA
I
L = 500 mA
- 40
- 20
0
40
100
20
60
80
Temperature (°C)
150
160
170
180
190
200
210
220
Figure 9 - Off Switch Current vs. Temperature
Figure 11 - RDS(ON) vs. Temperature
Figure 13 - ON/OFF Threshold vs. Input Voltage
0
- 40
- 20
0
40
100
20
60
80
150
50
250
200
100
300
Temperature (°C)
V
IN = 5 V
60
- 40
- 20
0
40
100
20
60
80
140
80
100
180
120
160
Temperature (°C)
V
IN = 5 V
V
IN = 3 V
I
LOAD = 500 mA
0.4
1.5
2.0
2.5
3.5
6.0
3.0
4.0
5.0
4.5
5.5
1.2
0.6
0.8
1.6
1.0
1.4
V
IN (V)
V
IH
V
IL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com