Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP4282 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP4282
Description  1.2 A Slew Rate Controlled Load Switch in PPAK SC75-6, and TDFN4 1.2 mm x 1.6 mm
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP4282 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP4282 Datasheet HTML 1Page - Vishay Siliconix SIP4282 Datasheet HTML 2Page - Vishay Siliconix SIP4282 Datasheet HTML 3Page - Vishay Siliconix SIP4282 Datasheet HTML 4Page - Vishay Siliconix SIP4282 Datasheet HTML 5Page - Vishay Siliconix SIP4282 Datasheet HTML 6Page - Vishay Siliconix SIP4282 Datasheet HTML 7Page - Vishay Siliconix SIP4282 Datasheet HTML 8Page - Vishay Siliconix SIP4282 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Vishay Siliconix
SiP4282
Document Number: 65740
S10-0671-Rev. E, 29-Mar-10
www.vishay.com
1
1.2 A Slew Rate Controlled Load Switch in PPAK SC75-6,
and TDFN4 1.2 mm x 1.6 mm
FEATURES
•
1.8 V to 5.5 V input voltage range for SiP4282
•
1.5 V to 5.5 V input voltage range for
SiP4282A
•
Very low RDS(ON), typically 105 mΩ at 5 V and
175 m
Ω at 3 V
•
Slew rate controlled turn-on time options: 100 µs, and
1 ms
•
Fast shutdown load discharge
•
Low quiescent current, 4 µA for SiP4282
•
Low quiescent current, 1 µA for SiP4282A
•
Low shutdown current < 1 µA
•
UVLO of 1.4 V for SiP4282
•
PowerPAK SC-75 1.6 mm x 1.6 mm and TDFN4 1.2 mm
x 1.6 mm packages
•
Compliant to RoHS directive 2002/95/EC
APPLICATIONS
•
Cellular telephones
•
Digital still cameras
•
Personal digital assistants (PDA)
•
Hot swap supplies
•
Notebook computers
•
Personal communication devices
•
Portable Instruments
DESCRIPTION
The SiP4282 series is a slew rate controlled high side switch.
The switch is of a low ON resistance P-Channel MOSFET
that supports continuous current up to 1.2 A.
The SiP4282 series operates with an input voltage from
1.8 V to 5.5 V. It offers under voltage lock out that turns the
switch off when an input under voltage condition exists. The
"A" option without UVLO extends the minimum operation
voltage from 1.8 V down to 1.5 V. The SiP4282 is available in
two different versions of slew rates, 100 µs and 1 ms. The
SiP4282 series integrates load discharge circuit to ensure
the discharge of capacitive load when the switch is disabled.
The SiP4282 features low input logic level to interface with
low control voltage from microprocessors. This device has a
very low operating current (typically 2.5 µA for SiP4282 and
50 pA for SiP4282A).
The SiP4282 is available in lead (Pb)-free package options
including 6 pin PPAK SC75-6, and 4 pin TDFN4 1.2 mm x
1.6 mm DFN4 packages. The operation temperature range
is specified from - 40 °C to + 85 °C.
The SiP4282 compact package options, operation voltage
range, and low operating current make it a good fit for battery
power applications.
TYPICAL APPLICATION CIRCUIT
Figure 1 - SiP4282 Typical Application Circuit
SiP4282
IN
VOUT
OUT
VIN
GND
GND
GND
ON/OFF
ON/OFF
C
1 µF
IN
C
0.1 µF
OUT


Similar Part No. - SIP4282

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP4282 VISHAY-SIP4282 Datasheet
301Kb / 9P
1 A Slew Rate Controlled Load Switch in PPAK SC75-6
22-Jan-07
SIP4282 VISHAY-SIP4282 Datasheet
428Kb / 13P
1.2 A Slew Rate Controlled Load Switch
06-Jul-2020
SIP4282-1-T1-E3 VISHAY-SIP4282-1-T1-E3 Datasheet
301Kb / 9P
1 A Slew Rate Controlled Load Switch in PPAK SC75-6
22-Jan-07
SIP4282-3-T1-E3 VISHAY-SIP4282-3-T1-E3 Datasheet
301Kb / 9P
1 A Slew Rate Controlled Load Switch in PPAK SC75-6
22-Jan-07
SIP4282A VISHAY-SIP4282A Datasheet
428Kb / 13P
1.2 A Slew Rate Controlled Load Switch
06-Jul-2020
More results

Similar Description - SIP4282

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP4282 VISHAY-SIP4282 Datasheet
301Kb / 9P
1 A Slew Rate Controlled Load Switch in PPAK SC75-6
22-Jan-07
SIP32411 VISHAY-SIP32411 Datasheet
440Kb / 13P
2 A, 1.2 V, Slew Rate Controlled Load Switch
22-Aug-11
SIP32413 VISHAY-SIP32413 Datasheet
2Mb / 12P
Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
07-Mar-11
SIP32431 VISHAY-SIP32431 Datasheet
325Kb / 12P
1.0 A Slew Rate Controlled Load Switch with Reverse Blocking in SC70-6, and TDFN4 1.2 mm x 1.6 mm
07-Feb-11
SIP32413 VISHAY-SIP32413_12 Datasheet
406Kb / 13P
Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
19-Dec-11
SIP32510 VISHAY-SIP32510 Datasheet
517Kb / 12P
1.2 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
08-Jul-13
SIP32510 VISHAY-SIP32510_V01 Datasheet
798Kb / 14P
1.2 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
06-Jul-2020
SIP32411 VISHAY-SIP32411_V01 Datasheet
468Kb / 15P
2 A, 1.2 V, Slew Rate Controlled Load Switch
06-Jul-2020
SIP32413 VISHAY-SIP32413_V01 Datasheet
436Kb / 14P
Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
06-Jul-2020
SIP4282 VISHAY-SIP4282_V01 Datasheet
428Kb / 13P
1.2 A Slew Rate Controlled Load Switch
06-Jul-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com