Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP12101 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SIP12101
Description  High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12101 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SIP12101 Datasheet HTML 5Page - Vishay Siliconix SIP12101 Datasheet HTML 6Page - Vishay Siliconix SIP12101 Datasheet HTML 7Page - Vishay Siliconix SIP12101 Datasheet HTML 8Page - Vishay Siliconix SIP12101 Datasheet HTML 9Page - Vishay Siliconix SIP12101 Datasheet HTML 10Page - Vishay Siliconix SIP12101 Datasheet HTML 11Page - Vishay Siliconix SIP12101 Datasheet HTML 12Page - Vishay Siliconix SIP12101 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Document Number: 73057
S09-1453-Rev. B, 03-Aug-09
www.vishay.com
9
Vishay Siliconix
SiP12101
TYPICAL SWITCHING WAVEFORMS (VIN = 3.6 V, VOUT = 1.9 V)
Heavy-Load Switching Waveforms
IOUT = 600 mA
Light-Load Switching Waveforms
IOUT = 0 mA
200 ns/div
VLX,5 V/div
Inductor Current
500 mA/div
VOUT
(AC-Coupled)
10 mV/div
200 ns/div
VLX,5 V/div
Inductor Current
200 mA/div
VOUT
(AC-Coupled)
10 mV/div
Medium-Load Switching Waveforms
IOUT = 300 mA
200 ns/div
VLX,5 V/div
Inductor Current
500 mA/div
VOUT
(AC-Coupled)
10 mV/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com