Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP12506 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP12506
Description  1-MHz Boost Converter with OVP for White LED Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12506 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP12506 Datasheet HTML 1Page - Vishay Siliconix SIP12506 Datasheet HTML 2Page - Vishay Siliconix SIP12506 Datasheet HTML 3Page - Vishay Siliconix SIP12506 Datasheet HTML 4Page - Vishay Siliconix SIP12506 Datasheet HTML 5Page - Vishay Siliconix SIP12506 Datasheet HTML 6Page - Vishay Siliconix SIP12506 Datasheet HTML 7Page - Vishay Siliconix SIP12506 Datasheet HTML 8Page - Vishay Siliconix SIP12506 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Vishay Siliconix
SiP12506
Document Number: 73861
S-70547–Rev. D, 26-Mar-07
www.vishay.com
1
1-MHz Boost Converter with OVP for White LED Applications
FEATURES
•
Output Voltage Range up to 20 V
•
FB Voltage of 0.208 V
•
Cycle-By-Cycle Current Limiting with Internal
Frequency Compensation
•
2.6 V to 9 V Input Voltage Range
•
1 MHz Switching Frequency
•
> 90 % efficiency
•
Low RDS(on): 0.4 Ω (at 3.3 V)
•
1.6 A Switch Current Limit
•
< 1 µA Low Shutdown Current
•
Internal Soft-Start Control
•
Thermal Shutdown Protection (160 °C)
• 6 pin MLP33 Package
APPLICATIONS
•
CCD Bias Supplies
•
TFT-LCD Displays
•
OLED Driver
•
White LED Backlight
•
Digital Cameras
•
Portable Phones and Game Devices
• PDAs and Palm-Top Computers
DESCRIPTION
The SiP12506 is a 1 MHz current-mode boost converter with
a feedback voltage of 0.208 V which offers small size and
high power conversion efficiency. Its input voltage range is
from 2.6 V to 9 V, and output voltage can go up to 20 V. The
internal frequency compensation minimizes number of exter-
nal components. The integrated 28 V power switch can carry
up to 1.6 A easily providing for 200 mA load current from a
3.6 V input supply. These features make the SiP12506 the
ideal. The internal soft-start circuit controls the rate of rise of
the output voltage during start-up to prevent overshoot. The
logic-level shutdown pin can be used to reduce quiescent
current to < 1 µA and, effectively, extend battery life. Thermal
shutdown at 160 °C is also included. The low FB voltage of
0.208 V improves the overall circuit efficiency. These fea-
tures and more, make the SiP12506 an ideal power solution
to white LED, OLED, LCD, and CCD applications operating
from a single or dual cell lithium-ion battery.
SiP12506 is available in 6-pin MLP33 package and is spec-
ified to operate over the industrial temperature range of
- 40 °C to 85 °C.
TYPICAL APPLICATION CIRCUIT
Figure 1. SiP12506 Typical Application Circuit
SHD
LX
FB
GND
SiP12506
VOUT
SHD
VIN
1 µF
10 µH
Cout
1 µF
MBR0530
VOUT
1
6
4
3
5
2
10.5
0. 208 V
L
VIN
Figure 2. Efficiency Curve
40
45
50
55
60
65
70
75
80
85
90
95
100
0
50
100
150
200
250
300
Load Current (mA)
V
= 13 V
OUT
V
= 3.3 V
IN
V
= 5 V
IN
V
= 7.2 V
IN
RoHS
COMPLIANT


Similar Part No. - SIP12506

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12501 VISHAY-SIP12501 Datasheet
231Kb / 9P
Boost Converter for Single/Double AA Cell or NiMH Battery for White LED Applications
03-Aug-09
SIP12501DMP-T1-E3 VISHAY-SIP12501DMP-T1-E3 Datasheet
231Kb / 9P
Boost Converter for Single/Double AA Cell or NiMH Battery for White LED Applications
03-Aug-09
SIP12502 VISHAY-SIP12502 Datasheet
268Kb / 11P
500 mA - Fixed Output Boost Converter for Single or Dual Cell
03-Aug-09
SIP12502DMP-20-E3 VISHAY-SIP12502DMP-20-E3 Datasheet
268Kb / 11P
500 mA - Fixed Output Boost Converter for Single or Dual Cell
03-Aug-09
SIP12502DMP-33-E3 VISHAY-SIP12502DMP-33-E3 Datasheet
268Kb / 11P
500 mA - Fixed Output Boost Converter for Single or Dual Cell
03-Aug-09
More results

Similar Description - SIP12506

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2619 MICREL-MIC2619 Datasheet
685Kb / 15P
1.2MHz PWM Boost Converter with OVP
logo
MIC GROUP RECTIFIERS
MIC2619 MIC-MIC2619_11 Datasheet
685Kb / 15P
1.2MHz PWM Boost Converter with OVP
logo
Rohm
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
White LED Driver with Synchronous Boost Converter
logo
Gamma Microelectronics ...
GM19371 GAMMA-GM19371 Datasheet
171Kb / 10P
BOOST WHITE LED DRIVER WITH OVP
logo
Texas Instruments
TPS61054 TI1-TPS61054_15 Datasheet
1Mb / 30P
High-Power White LED Driver 2-mHz Synchronous Boost Converter
logo
Analog Intergrations Co...
AIC3643 AIC-AIC3643 Datasheet
260Kb / 13P
Built-in OVP White LED Step-Up Converter
logo
Eutech Microelectronics...
EUP2537 EUTECH-EUP2537 Datasheet
368Kb / 1P
10 White LED Boost Converter
EUP2961A EUTECH-EUP2961A Datasheet
69Kb / 1P
White LED Boost Converter with PWM
logo
Holtek Semiconductor In...
HT7937 HOLTEK-HT7937_16 Datasheet
1Mb / 13P
Built-in OVP White LED Step-up Converter
logo
Microchip Technology
MIC2619 MICROCHIP-MIC2619 Datasheet
2Mb / 20P
1.2 MHz PWM Boost Converter with OVP
Revision A (May 2022)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com