Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP12506 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIP12506
Description  1-MHz Boost Converter with OVP for White LED Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12506 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIP12506 Datasheet HTML 1Page - Vishay Siliconix SIP12506 Datasheet HTML 2Page - Vishay Siliconix SIP12506 Datasheet HTML 3Page - Vishay Siliconix SIP12506 Datasheet HTML 4Page - Vishay Siliconix SIP12506 Datasheet HTML 5Page - Vishay Siliconix SIP12506 Datasheet HTML 6Page - Vishay Siliconix SIP12506 Datasheet HTML 7Page - Vishay Siliconix SIP12506 Datasheet HTML 8Page - Vishay Siliconix SIP12506 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.vishay.com
4
Document Number: 73861
S-70547–Rev. D, 26-Mar-07
Vishay Siliconix
SiP12506
TYPICAL CHARACTERISTICS
I
(Active) vs. Temperature
Switch Current Limit vs. Temperature
Feedback Voltage vs. Temperature
- 50
- 25
0
25
50
75
100
125
Temperature (°C)
VIN = 9 V
VIN = 2.6 V
VIN = 5 V
200
250
300
350
400
450
500
550
600
Temperature (°C)
- 50
- 25
0
25
50
75
100
125
1
1.2
1.4
1.6
1.8
2
VIN = 5 V to 9 V
VIN = 2.6 V
0.185
0.19
0.195
0.2
0.205
0.21
0.215
- 50
- 25
0
25
50
75
100
125
Temperature (°C)
I
(Active - Switching) vs. Temperature
Switching On Resistance vs. Temperature
Temperature (°C)
0.5
1
1.5
2
2.5
3
- 50
- 25
0
25
50
75
100
125
VIN = 9 V
VIN = 2.6 V
VIN = 5 V
Temperature (°C)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
- 50
- 25
0
25
50
75
100
125
VIN = 5 V to 9 V
VIN = 2.6 V
VIN
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com