Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP2120 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP2120
Description  100V, 2A Peak, High Frequency Half-Bridge Drivers with Adjustable Dead Time Control and PWM Input
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2120 Datasheet(HTML) 3 Page - Intersil Corporation

  HIP2120 Datasheet HTML 1Page - Intersil Corporation HIP2120 Datasheet HTML 2Page - Intersil Corporation HIP2120 Datasheet HTML 3Page - Intersil Corporation HIP2120 Datasheet HTML 4Page - Intersil Corporation HIP2120 Datasheet HTML 5Page - Intersil Corporation HIP2120 Datasheet HTML 6Page - Intersil Corporation HIP2120 Datasheet HTML 7Page - Intersil Corporation HIP2120 Datasheet HTML 8Page - Intersil Corporation HIP2120 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
HIP2120, HIP2121
3
FN7668.0
December 23, 2011
Pin Descriptions
10 LD
9 LD
SYMBOL
DESCRIPTION
1
1
VDD
Positive supply voltage for lower gate driver. Decouple this pin with a ceramic capacitor to
VSS.
2
3
HB
High-side bootstrap supply voltage referenced to HS. Connect the positive side of the
bootstrap capacitor to this pin. Bootstrap diode is on-chip.
3
4
HO
High-side output. Connect to gate of high-side power MOSFET.
4
5
HS
High-side source connection. Connect to source of high-side power MOSFET. Connect
negative side of bootstrap capacitor to this pin.
8
8
PWM
PWM input. For PWM = 1, HO = 1 and LO = 0. For PWM = 0, HO = 0 and LO = 1.
7
7
EN
Output enable, when low, HO = LO = 0
9
9
VSS
Negative voltage supply, which will generally be ground.
10
10
LO
Low-side output. Connect to gate of low-side power MOSFET.
5
-
NC
No Connect. This pin is isolated from all other pins.
6
6
RDT
A resistor connected between this pin and VSS adds additional delay time to the falling and
rising edges of the PWM input.
-
-
EPAD
Exposed pad. Connect to ground or float. The EPAD is electrically isolated from all other
pins.
Ordering Information
PART NUMBER
(Notes 1, 2, 4)
PART
MARKING
INPUT
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
HIP2120FRTAZ
HIP 2120AZ
CMOS
-40 +125
10 Ld 4x4 TDFN
L10.4x4
HIP2121FRTAZ
HIP 2121AZ
3.3V/TTL
-40 +125
10 Ld 4x4 TDFN
L10.4x4
HIP2120FRTBZ (Note 3)
HIP 2120BZ
CMOS
-40 +125
9 Ld 4x4 TDFN
L9.4x4
HIP2121FRTBZ (Note 3)
HIP 2121BZ
3.3V/TTL
-40 +125
9 Ld 4x4 TDFN
L9.4x4
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. “B” package option has alternate pin assignments for compliance with 100V Conductor Spacing Guidelines per IPC-2221. Note that Pin 2 is omitted
for additional spacing.
4. For Moisture Sensitivity Level (MSL), please see device information page for HIP2120, HIP2121. For more information on MSL please see tech brief
TB363.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com