Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP2120 Datasheet(PDF) 12 Page - Intersil Corporation

Part # HIP2120
Description  100V, 2A Peak, High Frequency Half-Bridge Drivers with Adjustable Dead Time Control and PWM Input
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2120 Datasheet(HTML) 12 Page - Intersil Corporation

Back Button HIP2120 Datasheet HTML 8Page - Intersil Corporation HIP2120 Datasheet HTML 9Page - Intersil Corporation HIP2120 Datasheet HTML 10Page - Intersil Corporation HIP2120 Datasheet HTML 11Page - Intersil Corporation HIP2120 Datasheet HTML 12Page - Intersil Corporation HIP2120 Datasheet HTML 13Page - Intersil Corporation HIP2120 Datasheet HTML 14Page - Intersil Corporation HIP2120 Datasheet HTML 15Page - Intersil Corporation HIP2120 Datasheet HTML 16Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
HIP2120, HIP2121
12
FN7668.0
December 23, 2011
Typical Application Circuit
Figure 22 is an example of how the HIP2120/21 can be
configured for a half bridge power supply application.
Depending on the application, the switching speed of the bridge
FETs can be reduced by adding series connected resistors
between the xHO outputs and the FET gates. Gate-Source
resistors are recommended on the low-side FETs to prevent
unexpected turn-on of the bridge should the bridge voltage be
applied before VDD. Gate-source resistors on the high-side FETs
are not usually required if low-side gate-source resistors are
used. If relatively small gate-source resistors are used on the
high-side FETs, be aware that they will load the boot capacitor,
which will then require a larger value for the boot capacitor.
Transients on HS Node
An important operating condition that is frequently overlooked by
designers is the negative transient on the xHS pins that occurs
when the high side bridge FET turns off. The Absolute Maximum
transient allowed on the xHS pin is -6V but it is wise to minimize
the amplitude to lower levels. This transient is the result of the
parasitic inductance of the low-side drain-source conductor on
the PCB. Even the parasitic inductance of the low-side FET
contributes to this transient.
When the high-side bridge FET turns off (see Figure 23), because
of the inductive characteristics the load, the current that was
flowing in the high-side FET (blue) must rapidly commutate to
flow through the low-side FET (red). The amplitude of the
negative transient impressed on the xHS node is (di/dt x L) where
L is the total parasitic inductance of the low-side FET
drain-source path and di/dt is the rate at which the high-side FET
is turned off. With the increasing power levels of power supplies
and motor, clamping this transient become more and more
significant for the proper operation of the HIP2120/21.
There are several ways of reducing the amplitude of this
transient. If the bridge FETs are turned off more slowly to reduce
di/dt, the amplitude will be reduced but at the expense of more
switching losses in the FETs. Careful PCB design will also reduce
the value of the parasitic inductance. However, these two
solutions by themselves may not be sufficient. Figure 19
illustrates a simple method for clamping the negative transient.
A fast PN junction, 1A diode is connected between xHS and VSS
as shown. It is important that this diode be placed as close as
possible to the xHS and VSS pins to minimize the parasitic
inductance of this current path. Because this clamping diode is
essentially in parallel with the body diode of the low-side FET, a
small value resistor is necessary to limit current when the body
diode of the low-side bridge FET is conducting during the dead
time.
Please note that a similar transient with a positive polarity occurs
when the low-side FET turns off. This is less frequently a problem
because xHS node is floating up toward the bridge bias voltage. The
Absolute Max voltage rating for the xHS node does need to be
observed when the positive transient occurs.
ISL78420
HI
DRIVER
LO
DRIVER
HO
LO
HS
PWM
EN
RDT
VSS
VDD
HB
8V TO 15V
100V MAX
PWM
CONTROLLER
FIGURE 22. TYPICAL HALF BRIDGE APPLICATION
VS S
HS
LO
HO
I NDUC T I V E
LO A D
+
-
+
-
FIGURE 23. PARASITIC INDUCTANCE CAUSES TRANSIENTS ON HS
NODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com