Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIR640DP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIR640DP
Description  N-Channel 40 V (D-S) MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR640DP Datasheet(HTML) 3 Page - Vishay Siliconix

  SIR640DP Datasheet HTML 1Page - Vishay Siliconix SIR640DP Datasheet HTML 2Page - Vishay Siliconix SIR640DP Datasheet HTML 3Page - Vishay Siliconix SIR640DP Datasheet HTML 4Page - Vishay Siliconix SIR640DP Datasheet HTML 5Page - Vishay Siliconix SIR640DP Datasheet HTML 6Page - Vishay Siliconix SIR640DP Datasheet HTML 7Page - Vishay Siliconix SIR640DP Datasheet HTML 8Page - Vishay Siliconix SIR640DP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Document Number: 67190
S11-0247-Rev. A, 14-Feb-11
www.vishay.com
3
Vishay Siliconix
SiR640DP
New Product
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
16
32
48
64
80
0.0
0.5
1.0
1.5
2.0
2.5
VGS = 10 V thru 3 V
VGS =2V
V
DS - Drain-to-Source Voltage (V)
0.0012
0.0014
0.0016
0.0018
0.0020
0.0022
0
16324864
80
VGS =10V
VGS =4.5 V
I
D - Drain Current (A)
0
2
4
6
8
10
0
16324864
80
ID =20A
VDS =20V
VDS =30V
VDS =10 V
Q
g - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
10
01
2
3
45
TC = 125 °C
TC = 25 °C
TC = - 55 °C
V
GS - Gate-to-Source Voltage (V)
Crss
0
1600
3200
4800
6400
8000
0
8
16
24
32
40
Ciss
Coss
V
DS - Drain-to-Source Voltage (V)
0.5
0.8
1.1
1.4
1.7
2.0
- 50
- 25
0
25
50
75
100
125
150
ID =20A
VGS =4.5 V
VGS =10V
T
J - Junction Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com