Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA149 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA149
Description  High Common-Mode Voltage Difference Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA149 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA149 Datasheet HTML 7Page - Texas Instruments INA149 Datasheet HTML 8Page - Texas Instruments INA149 Datasheet HTML 9Page - Texas Instruments INA149 Datasheet HTML 10Page - Texas Instruments INA149 Datasheet HTML 11Page - Texas Instruments INA149 Datasheet HTML 12Page - Texas Instruments INA149 Datasheet HTML 13Page - Texas Instruments INA149 Datasheet HTML 14Page - Texas Instruments INA149 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
−2
−1.6
−1.2
−0.8
−0.4
0
0.4
0.8
1.2
1.6
2
−75
−50
−25
0
25
50
75
100
125
150
175
Temperature (°C)
G029
−50
−40
−30
−20
−10
0
10
20
30
40
50
−75
−50
−25
0
25
50
75
100
125
150
175
Temperature (°C)
G030
−5
−4
−3
−2
−1
0
1
2
3
4
5
−75
−50
−25
0
25
50
75
100
125
150
175
Temperature (°C)
G031
2
3
4
5
6
7
8
−75
−25
25
75
125
175
Temperature (°C)
G071
0
1
2
3
4
5
0
5
10
15
20
25
30
35
40
Supply Voltage (V)
Negative Slew Rate
Positive Slew Rate
G038
400
600
800
1000
1200
−75
−50
−25
0
25
50
75
100
125
150
175
Temperature (°C)
G043
INA149
www.ti.com
SBOS579A
– SEPTEMBER 2011 – REVISED NOVEMBER 2011
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, RL = 2 kΩ connected to ground, and VS = ±15 V, unless otherwise noted.
PSRR vs TEMPERATURE
GAIN ERROR vs TEMPERATURE
Figure 31.
Figure 32.
GAIN NONLINEARITY vs TEMPERATURE
SLEW RATE vs TEMPERATURE
Figure 33.
Figure 34.
SLEW RATE vs POWER-SUPPLY VOLTAGE
QUIESCENT CURRENT vs TEMPERAUTRE
Figure 35.
Figure 36.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): INA149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com