Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA149 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA149
Description  High Common-Mode Voltage Difference Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA149 Datasheet(HTML) 3 Page - Texas Instruments

  INA149 Datasheet HTML 1Page - Texas Instruments INA149 Datasheet HTML 2Page - Texas Instruments INA149 Datasheet HTML 3Page - Texas Instruments INA149 Datasheet HTML 4Page - Texas Instruments INA149 Datasheet HTML 5Page - Texas Instruments INA149 Datasheet HTML 6Page - Texas Instruments INA149 Datasheet HTML 7Page - Texas Instruments INA149 Datasheet HTML 8Page - Texas Instruments INA149 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
INA149
www.ti.com
SBOS579A
– SEPTEMBER 2011 – REVISED NOVEMBER 2011
ELECTRICAL CHARACTERISTICS: V+ = +15 V and V
– = –15 V
At TA = +25°C, RL = 2 kΩ connected to ground, and VCM = REFA = REFB = GND, unless otherwise noted.
INA149
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GAIN
Initial
VOUT = ±10.0 V
1
V/V
Gain error
VOUT = ±10.0 V
±0.005
±0.02
%FSR
Gain
vs temperature, TA = –40°C to +125°C
±1.5
±10
ppm/
°C
Nonlinearity
±0.0005
±0.001
%FSR
OFFSET VOLTAGE
350
1100
µV
Initial offset
vs temperature, TA = –40°C to +125°C
3
15
µV/°C
vs supply (PSRR), VS = ±2 V to ±18 V
90
120
dB
INPUT
Differential
800
k
Ω
Impedance
Common-mode
200
k
Ω
Differential
–13.5
13.5
V
Voltage range
Common-mode
–275
275
V
At dc, VCM = ±275 V
90
100
dB
vs temperature, TA = –40°C to +125°C, at dc
90
dB
Common-mode rejection
(CMRR)
At ac, 500 Hz, VCM = 500 VPP
90
dB
At ac, 1 kHz, VCM = 500 VPP
90
dB
OUTPUT
Voltage range
–13.5
13.5
V
Short-circuit current
±25
mA
Capacitive load drive
No sustained oscillations
10
nF
OUTPUT NOISE VOLTAGE
0.01 Hz to 10 Hz
20
µVPP
10 kHz
550
nV/
√Hz
DYNAMIC RESPONSE
Small-signal bandwidth
500
kHz
Slew rate
VOUT = ±10-V step
1.7
5
V/
µs
Full-power bandwidth
VOUT = 20 VPP
32
kHz
Settling time
0.01%, VOUT = 10-V step
7
µs
POWER SUPPLY
Voltage range
±2
±18
V
VS = ±18 V, VOUT = 0 V
810
900
µA
Quiescent current
vs temperature, TA = –40°C to +125°C
1.1
mA
TEMPERATURE RANGE
Specified
–40
+125
°C
Operating
–55
+150
°C
Storage
–65
+150
°C
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): INA149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com