Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VB30200C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VB30200C
Description  Dual High-Voltage Trench MOS Barrier Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VB30200C Datasheet(HTML) 2 Page - Vishay Siliconix

  VB30200C Datasheet HTML 1Page - Vishay Siliconix VB30200C Datasheet HTML 2Page - Vishay Siliconix VB30200C Datasheet HTML 3Page - Vishay Siliconix VB30200C Datasheet HTML 4Page - Vishay Siliconix VB30200C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
New Product
V30200C, VF30200C, VB30200C & VI30200C
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 89014
Revision: 24-Jun-09
2
Notes
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Breakdown voltage
IR = 10 mA
TJ = 25 °C
VBR
205 (minimum)
-
V
Instantaneous forward voltage per diode (1)
IF = 5 A
IF = 10 A
IF = 15 A
TJ = 25 °C
VF
0.691
0.770
0.841
-
-
1.10
V
IF = 5 A
IF = 10 A
IF = 15 A
TJ = 125 °C
0.526
0.594
0.648
-
-
0.72
Reverse current per diode (2)
VR = 180 V
TJ = 25 °C
TJ = 125 °C
IR
2.4
3.8
-
-
µA
mA
VR = 200 V
TJ = 25 °C
TJ = 125 °C
5.3
6.0
160
12
µA
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V30200C
VF30200C
VB30200C
VI30200C
UNIT
Typical thermal resistance per diode
RθJC
2.0
5.5
2.0
2.0
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
V30200C-E3/4W
2.248
4W
50/tube
Tube
ITO-220AB
VF30200C-E3/4W
1.75
4W
50/tube
Tube
TO-263AB
VB30200C-E3/4W
1.39
4W
50/tube
Tube
TO-263AB
VB30200C-E3/8W
1.39
8W
800/reel
Tape and reel
TO-262AA
VI30200C-E3/4W
1.46
4W
50/tube
Tube
Figure 1. Forward Derating Curve
0
10
20
30
40
0
25
50
75
100
125
150
175
Case Temperature (°C)
Resistive or Inductive Load
VF30200C
V(B,I)30200C
Figure 2. Forward Power Loss Characteristics Per Diode
0
2
4
6
8
10
12
14
04
8
6
212
10
16
18
14
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
D = t
p/T
t
p
T



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com