Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VB30200C Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VB30200C
Description  Dual High-Voltage Trench MOS Barrier Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VB30200C Datasheet(HTML) 3 Page - Vishay Siliconix

  VB30200C Datasheet HTML 1Page - Vishay Siliconix VB30200C Datasheet HTML 2Page - Vishay Siliconix VB30200C Datasheet HTML 3Page - Vishay Siliconix VB30200C Datasheet HTML 4Page - Vishay Siliconix VB30200C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
New Product
V30200C, VF30200C, VB30200C & VI30200C
Vishay General Semiconductor
Document Number: 89014
Revision: 24-Jun-09
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
Figure 3. Typical Instantaneous Forward Characteristics Per Diode
Figure 4. Typical Reverse Characteristics Per Diode
Figure 5. Typical Junction Capacitance Per Diode
0.1
10
100
0.2
0.4
0.6
0.8
1.2
1.0
Instantaneous Forward Voltage (V)
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage (%)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
T
J = 100 °C
100
10
1000
10 000
0.1
1
10
100
Reverse Voltage (V)
Figure 6. Typical Transient Thermal Impedance Per Diode
Figure 7. Typical Transient Thermal Impedance Per Diode
t - Pulse Duration (s)
0.1
1
10
0.01
0.1
1
10
100
Junction to Case
V(B,I)30200C
1
10
0.01
0.1
1
10
100
t - Pulse Duration (s)
Junction to Case
VF30200C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com