Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT3080C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VT3080C
Description  Dual Trench MOS Barrier Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VT3080C Datasheet(HTML) 2 Page - Vishay Siliconix

  VT3080C Datasheet HTML 1Page - Vishay Siliconix VT3080C Datasheet HTML 2Page - Vishay Siliconix VT3080C Datasheet HTML 3Page - Vishay Siliconix VT3080C Datasheet HTML 4Page - Vishay Siliconix VT3080C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 89241
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 23-Mar-11
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VT3080C, VIT3080C
Vishay General Semiconductor
New Product
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
Note
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage per diode
IF = 5 A
TA = 25 °C
VF (1)
0.52
-
V
IF = 7.5 A
0.58
-
IF = 15 A
0.75
0.82
IF = 5 A
TA = 125 °C
0.46
-
IF = 7.5 A
0.52
-
IF = 15 A
0.65
0.70
Reverse current per diode
VR = 80 V
TA = 25 °C
IR (2)
30
700
μA
TA = 125 °C
20
35
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VT3080C
VIT3080C
UNIT
Typical thermal resistance
per diode
RθJC
2.5
°C/W
per device
2.0
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
VT3080C-M3/4W
1.89
4W
50/tube
Tube
TO-262AA
VIT3080C-M3/4W
1.46
4W
50/tube
Tube
TO-220AB (1)
VT3080CHM3/4W
1.89
4W
50/tube
Tube
TO-262AA (1)
VIT3080CHM3/4W
1.46
4W
50/tube
Tube



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com