Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT3080C Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VT3080C
Description  Dual Trench MOS Barrier Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VT3080C Datasheet(HTML) 3 Page - Vishay Siliconix

  VT3080C Datasheet HTML 1Page - Vishay Siliconix VT3080C Datasheet HTML 2Page - Vishay Siliconix VT3080C Datasheet HTML 3Page - Vishay Siliconix VT3080C Datasheet HTML 4Page - Vishay Siliconix VT3080C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 89241
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 23-Mar-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VT3080C, VIT3080C
Vishay General Semiconductor
New Product
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Forward Power Dissipation Characteristics
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Characteristics
Fig. 5 - Typical Transient Thermal Impedance
Fig. 6 - Typical Junction Capacitance
Case Temperature (°C)
35
25
0
0
75
175
25
100
150
5
50
125
10
30
20
Resistive or Inductive Load
15
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 1.0
Average Forward Current (A)
14
0
08
18
212
2
416
610
14
8
4
D = t
p/T
t
p
T
6
D = 0.8
12
10
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
Instantaneous Forward Voltage (V)
100
0.1
0
0.6
1.2
0.2
0.8
1
0.4
1.0
T
A = 100 °C
10
Percent of Rated Peak Reverse Voltage (%)
100
0.001
20
40
100
50
1
30
60
10
90
70
0.1
0.01
80
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
T
A = 100 °C
t - Pulse Duration (s)
10
0.1
0.01
10
100
0.1
1
Junction to Case
1
Reverse Voltage (V)
10 000
10
0.1
100
1
100
10
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
1000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com