Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF879P Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLF879P
Description  UHF power LDMOS transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF879P Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLF879P Datasheet HTML 3Page - NXP Semiconductors BLF879P Datasheet HTML 4Page - NXP Semiconductors BLF879P Datasheet HTML 5Page - NXP Semiconductors BLF879P Datasheet HTML 6Page - NXP Semiconductors BLF879P Datasheet HTML 7Page - NXP Semiconductors BLF879P Datasheet HTML 8Page - NXP Semiconductors BLF879P Datasheet HTML 9Page - NXP Semiconductors BLF879P Datasheet HTML 10Page - NXP Semiconductors BLF879P Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
BLF879P
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 23 August 2011
7 of 15
NXP Semiconductors
BLF879P
UHF power LDMOS transistor
7.3 Reliability
TTF (0.1 % failure fraction).
The reliability at pulsed conditions can be calculated as follows: TTF (0.1 %)
 1 / .
(1) Tj = 100 C
(2) Tj = 110 C
(3) Tj = 120 C
(4) Tj = 130 C
(5) Tj = 140 C
(6) Tj = 150 C
(7) Tj = 160 C
(8) Tj = 170 C
(9) Tj = 180 C
(10) Tj = 190 C
(11) Tj = 200 C
Fig 5.
BLF879P electromigration (IDS(DC), total device)
001aam586
Years
103
10
102
106
105
104
107
1
IDS(DC) (A)
0
20
16
8
412
2
18
10
614
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com