Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF879P Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLF879P
Description  UHF power LDMOS transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF879P Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLF879P Datasheet HTML 4Page - NXP Semiconductors BLF879P Datasheet HTML 5Page - NXP Semiconductors BLF879P Datasheet HTML 6Page - NXP Semiconductors BLF879P Datasheet HTML 7Page - NXP Semiconductors BLF879P Datasheet HTML 8Page - NXP Semiconductors BLF879P Datasheet HTML 9Page - NXP Semiconductors BLF879P Datasheet HTML 10Page - NXP Semiconductors BLF879P Datasheet HTML 11Page - NXP Semiconductors BLF879P Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
BLF879P
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 23 August 2011
8 of 15
NXP Semiconductors
BLF879P
UHF power LDMOS transistor
8.
Test information
[1]
American technical ceramics type 800R or capacitor of same quality.
[2]
American technical ceramics type 800B or capacitor of same quality.
[3]
American technical ceramics type 180R or capacitor of same quality.
[4]
American technical ceramics type 100A or capacitor of same quality.
[5]
Printed-Circuit Board (PCB): Taconic RF35;
r = 3.5 F/m; height = 0.762 mm; Cu (top/bottom metallization);
thickness copper plating = 35
m.
Table 9.
List of components
For test circuit, see Figure 6, Figure 7 and Figure 8.
Component
Description
Value
Remarks
B1, B2
semi rigid coax
25
; 49.5 mm
UT-090C-25 (EZ 90-25)
C1
multilayer ceramic chip capacitor
12 pF
[1]
C2, C3, C4, C5,
C6
multilayer ceramic chip capacitor
8.2 pF
[1]
C7
multilayer ceramic chip capacitor
6.8 pF
[2]
C8
multilayer ceramic chip capacitor
2.7 pF
[2]
C9
multilayer ceramic chip capacitor
2.2 pF
[2]
C10, C13, C14
multilayer ceramic chip capacitor
100 pF
[3]
C11, C12
multilayer ceramic chip capacitor
10 pF
[2]
C15, C16
multilayer ceramic chip capacitor
4.7
F, 50 V
Kemet C1210X475K5RAC-TU or
capacitor of same quality.
C17, C18, C23,
C24
multilayer ceramic chip capacitor
100 pF
[2]
C19, C20
multilayer ceramic chip capacitor
10
F, 50 V
TDK C570X7R1H106KT000N or
capacitor of same quality.
C21, C22
electrolytic capacitor
470
F; 63 V
C30
multilayer ceramic chip capacitor
10 pF
[4]
C31
multilayer ceramic chip capacitor
9.1 pF
[4]
C32
multilayer ceramic chip capacitor
3.9 pF
[4]
C33, C34, C35
multilayer ceramic chip capacitor
100 pF
[4]
C36, C37
multilayer ceramic chip capacitor
4.7
F, 50 V
TDK C4532X7R1E475MT020U or
capacitor of same quality.
L1
microstrip
-
[5]
(W
 L) 15 mm  13 mm
L2
microstrip
-
[5]
(W
 L) 5 mm  26 mm
L3, L32
microstrip
-
[5]
(W
 L) 2 mm  49.5 mm
L4
microstrip
-
[5]
(W
 L) 1.7 mm 3.5 mm
L5
microstrip
-
[5]
(W
 L) 2 mm  9.5 mm
L30
microstrip
-
[5]
(W
 L) 5 mm  13 mm
L31
microstrip
-
[5]
(W
 L) 2 mm  11 mm
L33
microstrip
-
[5]
(W
 L) 2 mm  3mm
R1, R2
wire resistor
10
R3, R4
SMD resistor
5.6
0805
R5, R6
wire resistor
100
R7, R8
potentiometer
10 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com