Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS33DE Datasheet(PDF) 1 Page - STMicroelectronics

Part # LIS33DE
Description  MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐍ano??accelerometer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS33DE Datasheet(HTML) 1 Page - STMicroelectronics

  LIS33DE Datasheet HTML 1Page - STMicroelectronics LIS33DE Datasheet HTML 2Page - STMicroelectronics LIS33DE Datasheet HTML 3Page - STMicroelectronics LIS33DE Datasheet HTML 4Page - STMicroelectronics LIS33DE Datasheet HTML 5Page - STMicroelectronics LIS33DE Datasheet HTML 6Page - STMicroelectronics LIS33DE Datasheet HTML 7Page - STMicroelectronics LIS33DE Datasheet HTML 8Page - STMicroelectronics LIS33DE Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
April 2009
Doc ID 15596 Rev 1
1/31
31
LIS33DE
MEMS motion sensor
3-axis - ±2g/±8g smart digital output “nano” accelerometer
Features
■ 2.16 V to 3.6 V supply voltage
■ 1.8 V compatible IOs
■ < 1 mW power consumption
■
± 2g/± 8g dynamically selectable full-scale
■ I2C/SPI digital output interface
■ Programmable interrupt generator
■ Embedded self test
■ 10000g high shock survivability
■ ECOPACK® RoHS and “Green” compliant
(see
Section 8)
Applications
■ Portrait - landascape image rotation in mobile
phones and PDA
■ Motion activated user interfaces
■ Gaming
■ Motion triggered wake-up
Description
The LIS33DE is an ultra compact low-power three
axis linear accelerometer belonging to the “nano”
family of ST motion sensors. It includes a sensing
element and an IC interface able to provide the
measured acceleration to the external world
through I2C/SPI serial interface.
The sensing element is manufactured using a
dedicated process developed by ST to produce
inertial sensors and actuators in silicon.
The IC interface is manufactured using a CMOS
process that allows to design a dedicated circuit
which is trimmed to better match the sensing
element characteristics.
The LIS33DE has dynamically user selectable full
scales of
±2g/±8g and it is capable of measuring
accelerations with an output data rate of 100 Hz
or 400 Hz.
A self-test capability allows the user to check the
functioning of the sensor in the final application.
The device may be configured to generate inertial
wake-up/free-fall interrupt signals when a
programmable acceleration threshold is crossed
at least in one of the three axis. Thresholds and
timing of interrupt generator are programmable by
the end user on the fly.
The LIS33DE is available in plastic Thin Land
Grid Array package (LGA) and it is designed to
operate over an extended temperature range from
-40°C to +85°C.
LGA 16 (3x3x1mm3)
Table 1.
Device summary
Order code
Temp range,
° CPackage
Packing
LIS33DE
-40 to +85
LGA 16
Tray
LIS33DETR
-40 to +85
LGA 16
Tape and reel
www.st.com


Similar Part No. - LIS33DE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS331AL STMICROELECTRONICS-LIS331AL Datasheet
187Kb / 16P
MEMS inertial sensor: 3-axis - ±2g analog output ?쐍ano??accelerometer
28-Sep-2007
LIS331ALTR STMICROELECTRONICS-LIS331ALTR Datasheet
187Kb / 16P
MEMS inertial sensor: 3-axis - ±2g analog output ?쐍ano??accelerometer
28-Sep-2007
LIS331DL STMICROELECTRONICS-LIS331DL Datasheet
622Kb / 38P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐍ano??accelerometer
28-Sep-2007
LIS331DL STMICROELECTRONICS-LIS331DL Datasheet
647Kb / 42P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output -nano-accelerometer
16-Apr-2008
LIS331DLF STMICROELECTRONICS-LIS331DLF Datasheet
684Kb / 38P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
10-Jul-2009
More results

Similar Description - LIS33DE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS302DL STMICROELECTRONICS-LIS302DL Datasheet
276Kb / 29P
MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output piccolo accelerometer
03-Oct-2006
LIS331DL STMICROELECTRONICS-LIS331DL Datasheet
622Kb / 38P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐍ano??accelerometer
28-Sep-2007
LIS331AL STMICROELECTRONICS-LIS331AL Datasheet
187Kb / 16P
MEMS inertial sensor: 3-axis - ±2g analog output ?쐍ano??accelerometer
28-Sep-2007
LIS302DL STMICROELECTRONICS-LIS302DL_07 Datasheet
613Kb / 42P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐏iccolo??accelerometer
25-Oct-2007
LIS331DL STMICROELECTRONICS-LIS331DL_08 Datasheet
647Kb / 42P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output -nano-accelerometer
16-Apr-2008
LIS35DE STMICROELECTRONICS-LIS35DE Datasheet
656Kb / 39P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐏iccolo??accelerometer
29-Apr-2009
LIS302DL STMICROELECTRONICS-LIS302DL_08 Datasheet
608Kb / 42P
MEMS motion sensor 3-axis - ± 2g/± 8g smart digital output ?쐏iccolo??accelerometer
21-Oct-2008
LIS3DSHTR STMICROELECTRONICS-LIS3DSHTR Datasheet
1Mb / 53P
MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
26-Oct-2011
logo
Analog Devices
ADXL362 AD-ADXL362_13 Datasheet
1Mb / 44P
Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
logo
STMicroelectronics
LIS3DHH STMICROELECTRONICS-LIS3DHH Datasheet
641Kb / 29P
MEMS motion sensor three-axis digital output accelerometer
11-Oct-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com