Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS33DE Datasheet(PDF) 27 Page - STMicroelectronics

Part # LIS33DE
Description  MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐍ano??accelerometer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS33DE Datasheet(HTML) 27 Page - STMicroelectronics

Back Button LIS33DE Datasheet HTML 23Page - STMicroelectronics LIS33DE Datasheet HTML 24Page - STMicroelectronics LIS33DE Datasheet HTML 25Page - STMicroelectronics LIS33DE Datasheet HTML 26Page - STMicroelectronics LIS33DE Datasheet HTML 27Page - STMicroelectronics LIS33DE Datasheet HTML 28Page - STMicroelectronics LIS33DE Datasheet HTML 29Page - STMicroelectronics LIS33DE Datasheet HTML 30Page - STMicroelectronics LIS33DE Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
LIS33DE
Register description
Doc ID 15596 Rev 1
27/31
7.9
FF_WU_SRC (31h)
Free-fall and wake-up source register. Read only register.
Reading at this address clears FF_WU_SRC register and the FF, WU interrupt and allows
the refreshment of data in the FF_WU_SRC register if the latched option is chosen.
YHIE
Enable interrupt generation on Y high event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value higher than preset threshold)
YLIE
Enable interrupt generation on Y low event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value lower than preset threshold)
XHIE
Enable interrupt generation on X high event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value higher than preset threshold)
XLIE
Enable interrupt generation on X low event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value lower than preset threshold)
Table 29.
FF_WU_CFG (30h) register description (continued)
Table 30.
FF_WU_SRC (31h) register
--
IA
ZH
ZL
YH
YL
XH
XL
Table 31.
FF_WU_SRC (31h) register description
IA
Interrupt active. Default value: 0
(0: no interrupt has been generated; 1: one or more interrupts have been generated)
ZH
Z high. Default value: 0
(0: no interrupt, 1: ZH event has occurred)
ZL
Z low. Default value: 0
(0: no interrupt; 1: ZL event has occurred)
YH
Y high. Default value: 0
(0: no interrupt, 1: YH event has occurred)
YL
Y Low. Default value: 0
(0: no interrupt, 1: YL event has occurred)
XH
X high. Default value: 0
(0: no interrupt, 1: XH event has occurred)
XL
X low. Default value: 0
(0: no interrupt, 1: XL event has occurred)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com