Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS35DE Datasheet(PDF) 36 Page - STMicroelectronics

Part # LIS35DE
Description  MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐏iccolo??accelerometer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS35DE Datasheet(HTML) 36 Page - STMicroelectronics

Back Button LIS35DE Datasheet HTML 31Page - STMicroelectronics LIS35DE Datasheet HTML 32Page - STMicroelectronics LIS35DE Datasheet HTML 33Page - STMicroelectronics LIS35DE Datasheet HTML 34Page - STMicroelectronics LIS35DE Datasheet HTML 35Page - STMicroelectronics LIS35DE Datasheet HTML 36Page - STMicroelectronics LIS35DE Datasheet HTML 37Page - STMicroelectronics LIS35DE Datasheet HTML 38Page - STMicroelectronics LIS35DE Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
Register description
LIS35DE
36/39
Doc ID 15594 Rev 1
From 0.5g (0001) to 7.5g (1111) with step of 0.5g.
7.21
CLICK_TimeLimit (3Dh)
From 0 to 127.5msec with step of 0.5msec.
7.22
CLICK_Latency (3Eh)
From 0 to 255 msec with step of 1 msec.
7.23
CLICK_Window (3Fh)
From 0 to 255 msec with step of 1 msec.
Table 54.
CLICK_THSZ (3Ch) register description
THSz3 - THSz0
Click Threshold on Z axis. Default value: 0000
Table 55.
CLICK_TimeLimit (3Dh) register
Dur7
Dur6
Dur5
Dur4
Dur3
Dur2
Dur1
Dur0
Table 56.
CLICK_Latency (3Eh) register
Lat7
Lat6
Lat5
Lat4
Lat3
Lat2
Lat1
Lat0
Table 57.
CLICK_Window (3Fh) register
Win7
Win6
Win5
Win4
Win3
Win2
Win1
Win0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com