Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS35DE Datasheet(PDF) 37 Page - STMicroelectronics

Part # LIS35DE
Description  MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐏iccolo??accelerometer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS35DE Datasheet(HTML) 37 Page - STMicroelectronics

Back Button LIS35DE Datasheet HTML 31Page - STMicroelectronics LIS35DE Datasheet HTML 32Page - STMicroelectronics LIS35DE Datasheet HTML 33Page - STMicroelectronics LIS35DE Datasheet HTML 34Page - STMicroelectronics LIS35DE Datasheet HTML 35Page - STMicroelectronics LIS35DE Datasheet HTML 36Page - STMicroelectronics LIS35DE Datasheet HTML 37Page - STMicroelectronics LIS35DE Datasheet HTML 38Page - STMicroelectronics LIS35DE Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
LIS35DE
Package information
Doc ID 15594 Rev 1
37/39
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
Figure 12.
LGA14: mechanical data and package dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A1
0.920
1.000
0.0362 0.0394
A2
0.700
0.0275
A3
0.180
0.220
0.260 0.0071 0.0087 0.0102
D1
2.850
3.000
3.150 0.1122 0.1181 0.1240
E1
4.850
5.000
5.150 0.1909 0.1968 0.2027
e
0.800
0.0315
d
0.300
0.0118
L1
4.000
0.1575
N
1.360
0.0535
N1
1.200
0.0472
P1
0.965
0.975
0.985 0.0380 0.0384 0.0386
P2
0.640
0.650
0.660 0.0252 0.0256 0.0260
T1
0.750
0.800
0.850 0.0295 0.0315 0.0335
T2
0.450
0.500
0.550 0.0177 0.0197 0.0217
R
1.200
1.600 0.0472
0.0630
h
0.150
0.0059
k
0.050
0.0020
i
0.100
0.0039
s
0.100
0.0039
LGA14 (3x5x0.92mm) Pitch 0.8mm
Land Grid Array Package
7773587 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com