Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS302DL Datasheet(PDF) 1 Page - STMicroelectronics

Part # LIS302DL
Description  MEMS motion sensor 3-axis - ± 2g/± 8g smart digital output ?쐏iccolo??accelerometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS302DL Datasheet(HTML) 1 Page - STMicroelectronics

  LIS302DL_08 Datasheet HTML 1Page - STMicroelectronics LIS302DL_08 Datasheet HTML 2Page - STMicroelectronics LIS302DL_08 Datasheet HTML 3Page - STMicroelectronics LIS302DL_08 Datasheet HTML 4Page - STMicroelectronics LIS302DL_08 Datasheet HTML 5Page - STMicroelectronics LIS302DL_08 Datasheet HTML 6Page - STMicroelectronics LIS302DL_08 Datasheet HTML 7Page - STMicroelectronics LIS302DL_08 Datasheet HTML 8Page - STMicroelectronics LIS302DL_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
October 2008
Rev 4
1/42
42
LIS302DL
MEMS motion sensor
3-axis - ± 2g/± 8g smart digital output “piccolo” accelerometer
Feature
■ 2.16 V to 3.6 V supply voltage
■ 1.8 V compatible IOs
■ <1 mW power consumption
■ ± 2g/± 8g dynamically selectable full-scale
■ I2C/SPI digital output interface
■ Programmable multiple interrupt generator
■ Click and double click recognition
■ Embedded high pass filter
■ Embedded self test
■ 10000g high shock survivability
■ ECOPACK® RoHS and “Green” compliant
(see
Section 9)
Description
The LIS302DL is an ultra compact low-power
three axes linear accelerometer. It includes a
sensing element and an IC interface able to
provide the measured acceleration to the external
world through I2C/SPI serial interface.
The sensing element, capable of detecting the
acceleration, is manufactured using a dedicated
process developed by ST to produce inertial
sensors and actuators in silicon.
The IC interface is manufactured using a CMOS
process that allows to design a dedicated circuit
which is trimmed to better match the sensing
element characteristics.
The LIS302DL has dynamically user selectable
full scales of ± 2g/± 8g and it is capable of
measuring accelerations with an output data rate
of 100 Hz or 400 Hz.
A self-test capability allows the user to check the
functioning of the sensor in the final application.
The device may be configured to generate inertial
wake-up/free-fall
interrupt
signals
when
a
programmable acceleration threshold is crossed
at least in one of the three axes. Thresholds and
timing of interrupt generators are programmable
by the end user on the fly.
The LIS302DL is available in plastic Thin Land
Grid Array package (TLGA) and it is guaranteed
to operate over an extended temperature range
from -40 °C to +85 °C.
The LIS302DL belongs to a family of products
suitable for a variety of applications:
– Free-fall detection
– Motion activated functions
– Gaming and virtual reality input devices
– Vibration monitoring and compensation
LGA 14 (3x5x0.9mm)
Table 1.
Device summary
Part number
Temp range,
° CPackage
Packing
LIS302DL
-40 to +85
LGA
Tray
LIS302DLTR
-40 to +85
LGA
Tape and reel ( 5000 pcs/reel )
LIS302DLTR8
-40 to +85
LGA
Tape and reel ( 8000 pcs/reel )
www.st.com


Similar Part No. - LIS302DL_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS302DL STMICROELECTRONICS-LIS302DL_07 Datasheet
613Kb / 42P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐏iccolo??accelerometer
25-Oct-2007
More results

Similar Description - LIS302DL_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS302DL STMICROELECTRONICS-LIS302DL Datasheet
276Kb / 29P
MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output piccolo accelerometer
03-Oct-2006
LIS331DL STMICROELECTRONICS-LIS331DL Datasheet
622Kb / 38P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐍ano??accelerometer
28-Sep-2007
LIS202DL STMICROELECTRONICS-LIS202DL Datasheet
332Kb / 36P
MEMS motion sensor 2-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
11-Jun-2007
LIS302DL STMICROELECTRONICS-LIS302DL_07 Datasheet
613Kb / 42P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐏iccolo??accelerometer
25-Oct-2007
LIS331DL STMICROELECTRONICS-LIS331DL_08 Datasheet
647Kb / 42P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output -nano-accelerometer
16-Apr-2008
LIS302DLH STMICROELECTRONICS-LIS302DLH Datasheet
679Kb / 37P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐏iccolo??accelerometer
04-Jun-2009
LIS33DE STMICROELECTRONICS-LIS33DE Datasheet
538Kb / 31P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐍ano??accelerometer
17-Apr-2009
LIS35DE STMICROELECTRONICS-LIS35DE Datasheet
656Kb / 39P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐏iccolo??accelerometer
29-Apr-2009
logo
Analog Devices
ADXL362 AD-ADXL362_13 Datasheet
1Mb / 44P
Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
logo
STMicroelectronics
LIS3DHH STMICROELECTRONICS-LIS3DHH Datasheet
641Kb / 29P
MEMS motion sensor three-axis digital output accelerometer
11-Oct-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com