Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS302DL Datasheet(PDF) 35 Page - STMicroelectronics

Part # LIS302DL
Description  MEMS motion sensor 3-axis - ± 2g/± 8g smart digital output ?쐏iccolo??accelerometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS302DL Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LIS302DL_08 Datasheet HTML 31Page - STMicroelectronics LIS302DL_08 Datasheet HTML 32Page - STMicroelectronics LIS302DL_08 Datasheet HTML 33Page - STMicroelectronics LIS302DL_08 Datasheet HTML 34Page - STMicroelectronics LIS302DL_08 Datasheet HTML 35Page - STMicroelectronics LIS302DL_08 Datasheet HTML 36Page - STMicroelectronics LIS302DL_08 Datasheet HTML 37Page - STMicroelectronics LIS302DL_08 Datasheet HTML 38Page - STMicroelectronics LIS302DL_08 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
LIS302DL
Register description
35/42
7.20
CLICK_THSY_X (3Bh)
From 0.5g(0001) to 7.5g(1111) with step of 0.5g.
7.21
CLICK_THSZ (3Ch)
From 0.5g(0001) to 7.5g(1111) with step of 0.5g.
7.22
CLICK_TimeLimit (3Dh)
From 0 to 127.5msec with step of 0.5 msec,
Table 51.
CLICK_SRC (39h) register description
IA
Interrupt active. Default value: 0
(0: no interrupt has been generated;
1: one or more interrupt event has been generated)
Double_Z
Double click on Z axis event. Default value: 0
(0: no interrupt; 1: Double Z event has occurred)
Single_Z
Single click on Z axis event. Default value: 0
(0: no interrupt; 1: Single Z event has occurred)
Double_Y
Double click on Y axis event. Default value: 0
(0: no interrupt; 1: Double Y event has occurred)
Single_Y
Single click on Y axis event.Default value: 0
(0: no interrupt; 1: Single Y event has occurred)
Double_X
Double click on X axis event. Default value: 0
(0: no interrupt; 1: Double X event has occurred)
Single_X
Single click on X axis event. Default value: 0
(0: no interrupt; 1: Single X event has occurred)
Table 52.
CLICK_THSY_X (3Bh) register
THSy3
THSy2
THSy1
THSy0
THSx3
THSx2
THSx1
THSx0
Table 53.
CLICK_THSY_X (3Bh) register description
THSy3-THSy0 Click threshold on Y axis. Default value: 0000
THSx3-THSx0 Click threshold on X axis. Default value: 0000
Table 54.
CLICK_THSZ (3Ch) register
XX
XX
THSz3
THSz2
THSz1
THSz0
Table 55.
CLICK_THSZ (3Ch) register description
THSz3-THSz0 Click Threshold on Z axis. Default value: 0000
Table 56.
CLICK_TimeLimit (3Dh) register
Dur7
Dur6
Dur5
Dur4
Dur3
Dur2
Dur1
Dur0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com